データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA16846 データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 TDA16846
部品情報  Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846 データシート(HTML) 3 Page - Infineon Technologies AG

  TDA16846_03 Datasheet HTML 1Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 2Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 3Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 4Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 5Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 6Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 7Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 8Page - Infineon Technologies AG TDA16846_03 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Version 2.0
3
31 Jul 2003
Controller for Switch Mode Power Supplies
Supporting Low Power Standby and Power
Factor Correction
TDA 16846/16846-2
TDA 16847/16847-2
Bipolar IC
P-DSO-14-3
P-DIP-14-3
1Overview
1.1
Features
• Line Current Consumption with PFC
• Low Power Consumption
• Stable and Adjustable Standby Frequency
• Very Low Start-up Current
• Soft-Start for Quiet Start-up
• Free usable Fault Comparators
• Synchronization and Fixed Frequency Circuits
• Over- and Undervoltage Lockout
• Switch Off at Mains Undervoltage
• Temporary High Power Circuit (only TDA 16847-2)
• Mains Voltage Dependent Fold Back Point Correction
• Continuous Frequency Reduction with Decreasing Load
• Adjustable and Voltage Dependent Ringing Suppression Time
1.2
Description
The TDA 16846-2 (this name is used in the description for all types) is optimized to
control free running or fixed frequency flyback converters with or without Power Factor
Correction (Current Pump). To provide low power consumption at light loads, this device
reduces the switching frequency in small steps with load, towards an adjustable
minimum (e. g. 20 kHz in standby mode). Additionally, the startup current is very low. To
avoid switching stress on the power devices, the power transistor is always switched on
at minimum voltage. A special circuit is implemented to avoid jitter. The device has
Type
Ordering Code
Package
TDA 16846
Q67000-A9377
P-DIP-14-3
TDA 16847
Q67000-A9378
P-DIP-14-3
TDA 16846G
Q67006-A9430
P-DSO-14-3
TDA 16847G
Q67006-A9412
P-DSO-14-3
TDA 16846-2
Q67040-S4494
P-DIP-14-3
TDA 16847-2
Q67040-S4496
P-DIP-14-3
TDA 16846-2G
Q67040-S4495
P-DSO-14-3
TDA 16847-2G
Q67040-S4497
P-DSO-14-3


同様の部品番号 - TDA16846_03

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA16846G INFINEON-TDA16846G Datasheet
351Kb / 28P
   ICs for Consumer Electronics
2000-01-14
More results

同様の説明 - TDA16846_03

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
ICE1QS01 INFINEON-ICE1QS01 Datasheet
484Kb / 21P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor Correction (PFC)
V1.4, 27 April 2004
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_14 Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Panasonic Battery Group
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
   for main and standby power supplies
logo
Panasonic Semiconductor
LC-RA1212 PANASONIC-LC-RA1212 Datasheet
62Kb / 1P
   For main and standby power supplies.
logo
Panasonic Battery Group
LC-R064R2P PANASONICBATTERY-LC-R064R2P Datasheet
39Kb / 1P
   For main and standby power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com