データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA21102 データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 TDA21102
部品情報  High speed Driver with bootstrapping for dual Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA21102 データシート(HTML) 3 Page - Infineon Technologies AG

  TDA21102 Datasheet HTML 1Page - Infineon Technologies AG TDA21102 Datasheet HTML 2Page - Infineon Technologies AG TDA21102 Datasheet HTML 3Page - Infineon Technologies AG TDA21102 Datasheet HTML 4Page - Infineon Technologies AG TDA21102 Datasheet HTML 5Page - Infineon Technologies AG TDA21102 Datasheet HTML 6Page - Infineon Technologies AG TDA21102 Datasheet HTML 7Page - Infineon Technologies AG TDA21102 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CoreControlTM
Data Sheet
TDA21102
Rev. 2.0
Page 3
Aug 31, 2004
Absolute Maximum Ratings
At Tj = 25 °C, unless otherwise specified
Value
Parameter
Symbol
Min. Max.
Unit
Voltage supplied to ‘VCC’ pin
VVCC
-0.3
25
Voltage supplied to ‘PVCC’ pin
VPVCC
-0.3
25
Voltage supplied to ‘PWM’ pin
VPWM
-0.3
5.5
Voltage supplied to ‘BOOT’ pin referenced to ‘PHASE’
VBOOT
VPHASE
-0.3
25
Voltage rating at ‘PHASE’ pin, DC
VPHASE
-1
25
Voltage rating at ‘PHASE’ pin, tpulse_max =500ns
Max Duty Cycle = 2%
-20
30
Voltage supplied to GATEHS pin referenced to ‘PHASE’
Tpulse_max < 100ns, E < 2uJ
VGATEHS
-3.5 VBOOT
+0.3
Voltage supplied to GATELS pin referenced to ‘GND’
Tpulse_max < 100ns, E < 2uJ
VGATELS
-5
VVCC
+0.3
V
Junction temperature
TJ
-25
150
Storage temperature
TS
-55
150
°C
ESD Rating; Human Body Model
4
kV
IEC climatic category; DIN EN 60068-1
55/150/56
-
Thermal Characteristic
Values
Unit
Parameter
Symbol
Min. Typ. Max.
Thermal resistance, junction-solder joint ( pin 4 )
Rth-JS
40.5
Thermal resistance, junction-case
Rth-JC
44.7
Thermal resistance, junction-ambient
Rth-JA
116.2
K/W


同様の部品番号 - TDA21102

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
More results

同様の説明 - TDA21102

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
TDA21107 INFINEON-TDA21107 Datasheet
304Kb / 12P
   High speed Driver with bootstrapping for dual Power MOSFETs
Version 1.2, Aug 2004
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
   Dual MOSFET Driver with Bootstrapping
REV. 0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
   Dual MOSFET Driver with Bootstrapping
REV. 0
logo
ON Semiconductor
ADP3415 ONSEMI-ADP3415 Datasheet
399Kb / 10P
   Dual MOSFET Driver with Bootstrapping
May 2010 - Rev. 6
logo
Analog Devices
ADP3415 AD-ADP3415 Datasheet
166Kb / 12P
   Dual MOSFET Driver with Bootstrapping
REV. B
logo
Microchip Technology
MCP14E9 MICROCHIP-MCP14E9 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E6 MICROCHIP-MCP14E6 Datasheet
877Kb / 30P
   2.0A Dual High-Speed Power MOSFET Driver With Enable
2011
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com