データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4279G データシート(PDF) 1 Page - Infineon Technologies AG

部品番号 TLE4279G
部品情報  5-V Low Drop Fixed Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4279G データシート(HTML) 1 Page - Infineon Technologies AG

  TLE4279G Datasheet HTML 1Page - Infineon Technologies AG TLE4279G Datasheet HTML 2Page - Infineon Technologies AG TLE4279G Datasheet HTML 3Page - Infineon Technologies AG TLE4279G Datasheet HTML 4Page - Infineon Technologies AG TLE4279G Datasheet HTML 5Page - Infineon Technologies AG TLE4279G Datasheet HTML 6Page - Infineon Technologies AG TLE4279G Datasheet HTML 7Page - Infineon Technologies AG TLE4279G Datasheet HTML 8Page - Infineon Technologies AG TLE4279G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Type
Package
TLE 4279 G
PG-DSO-8-16
TLE 4279 GM
PG-DSO-14-30
5-V Low Drop Fixed Voltage Regulator
TLE 4279
P-DSO-8-3, -6, -7, -8, -9
P-DSO-14-3, -8, -9, -11, 14
Data Sheet
1
Rev. 2.4, 2007-03-20
Features
Output voltage tolerance
≤ ±2%
150 mA current capability
Very low current consumption
Early warning
Reset output low down to
V
Q = 1 V
Overtemperature protection
Reverse polarity proof
Adjustable reset threshold
Very low-drop voltage
Wide temperature range
Green Product (RoHS compliant)
AEC Qualified
Functional Description
This device is an automotive suited voltage regulator with
a fixed 5-V output, e.g. in a PG-DSO-8-16 package. The
maximum operating voltage is 45 V. The output is able to
drive 150 mA load. It is short circuit protected and the
thermal shutdown switches the output off if the junction temperature is in excess of
150
°C. A reset signal is generated for an output voltage of V
Q < 4.65 V. The reset
threshold voltage can be decreased by external connection of a voltage divider. The
reset delay time can be set by an external capacitor. If the application requires pull-up
resistors at the logic outputs (Reset, Sense Out) the TLE 4269 with integrated resistors
can be used. It is also possible to supervise the input voltage by using an integrated
comparator to give a low voltage warning.


同様の部品番号 - TLE4279G

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TLE4279G SIEMENS-TLE4279G Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
TLE4279GL SIEMENS-TLE4279GL Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
TLE4279GM SIEMENS-TLE4279GM Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
More results

同様の説明 - TLE4279G

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
logo
Siemens Semiconductor G...
TLE4264G SIEMENS-TLE4264G Datasheet
42Kb / 9P
   5-V Low-Drop Fixed-Voltage Regulator
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
   5-V Low-Drop Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com