データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4998C3 データシート(PDF) 10 Page - Infineon Technologies AG

部品番号 TLE4998C3
部品情報  Programmable Linear Hall Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C3 データシート(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4998C3 Datasheet HTML 6Page - Infineon Technologies AG TLE4998C3 Datasheet HTML 7Page - Infineon Technologies AG TLE4998C3 Datasheet HTML 8Page - Infineon Technologies AG TLE4998C3 Datasheet HTML 9Page - Infineon Technologies AG TLE4998C3 Datasheet HTML 10Page - Infineon Technologies AG TLE4998C3 Datasheet HTML 11Page - Infineon Technologies AG TLE4998C3 Datasheet HTML 12Page - Infineon Technologies AG TLE4998C3 Datasheet HTML 13Page - Infineon Technologies AG TLE4998C3 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
TLE4998C
General
Data Sheet
10
Rev 1.0, 2008-12
pulling the output pin to low only. Therefore, the high level needs to be obtained by an
external pull-up resistor. This output type has the advantage that the receiver may use
an even lower supply voltage (e.g. 3.3 V). In this case the pull-up resistor must be
connected to the given receiver supply.
The IC is produced in BiCMOS technology with high voltage capability, and it also has
reverse-polarity protection.
Digital signal processing using a 16-bit DSP architecture together with digital
temperature compensation guarantee excellent long-time stability compared to analog
compensation methods.
While the overall resolution is 16 bits, some internal stages work with resolutions up to
20 bits.
2.3
Principle of Operation
• A magnetic flux is measured by a Hall-effect cell
• The output signal from the Hall-effect cell is converted from analog to digital
• The chopped Hall-effect cell and continuous-time A/D conversion ensure a very low
and stable magnetic offset
• A programmable low-pass filter to reduce noise
• The temperature is measured and A/D converted, too
• Temperature compensation is done digitally using a second-order function
• Digital processing of output value is based on zero field and sensitivity value
• The output value range can be clamped by digital limiters
• The final output value is represented by the data nibbles of the SPC protocol


同様の部品番号 - TLE4998C3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
More results

同様の説明 - TLE4998C3

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com