データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4998C4 データシート(PDF) 8 Page - Infineon Technologies AG

部品番号 TLE4998C4
部品情報  Programmable Linear Hall Sensor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C4 データシート(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4998C4 Datasheet HTML 4Page - Infineon Technologies AG TLE4998C4 Datasheet HTML 5Page - Infineon Technologies AG TLE4998C4 Datasheet HTML 6Page - Infineon Technologies AG TLE4998C4 Datasheet HTML 7Page - Infineon Technologies AG TLE4998C4 Datasheet HTML 8Page - Infineon Technologies AG TLE4998C4 Datasheet HTML 9Page - Infineon Technologies AG TLE4998C4 Datasheet HTML 10Page - Infineon Technologies AG TLE4998C4 Datasheet HTML 11Page - Infineon Technologies AG TLE4998C4 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
TLE4998C
Overview
Data Sheet
8
Rev 1.0, 2008-12
Figure 2
Hall Cell Location and Pin Configuration of PG-SSO-4-1 package
Table 2
TLE4998C4 Pin Definitions and Functions
Pin No.
Symbol
Function
1
TST
Test pin (connection to GND is recommended)
2
VDD
Supply voltage / programming interface
3
GND
Ground
4
OUT
Output / programming interface
AEP03654
PG-SSO-4-1: 0.3
d : Distance chip to branded side of IC
mm
±0.08
Hall-Probe
Branded Side
d
2
3
4
1
Center of
sensitive area
2.67
B
B
A
0.2


同様の部品番号 - TLE4998C4

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998C8 INFINEON-TLE4998C8 Datasheet
1Mb / 27P
   High Performance Programmable Single/Dual Linear Hall Sensor
Revision 1.1, 2017-01
TLE4998C8D INFINEON-TLE4998C8D Datasheet
1Mb / 28P
   High Performance Programmable Dual Linear Hall Sensor
Revision 1.0, 2014-05-21
TLE4998C8D INFINEON-TLE4998C8D Datasheet
1Mb / 27P
   High Performance Programmable Single/Dual Linear Hall Sensor
Revision 1.1, 2017-01
TLE4998C8D INFINEON-TLE4998C8D Datasheet
248Kb / 2P
   XENSIV™ magnetic position sensors – world’s first fully ISO 26262 compliant linear Hall sensor for high precision applications
05 / 2019
More results

同様の説明 - TLE4998C4

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com