データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE5011 データシート(PDF) 7 Page - Infineon Technologies AG

部品番号 TLE5011
部品情報  GMR Angle Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 データシート(HTML) 7 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 3Page - Infineon Technologies AG TLE5011 Datasheet HTML 4Page - Infineon Technologies AG TLE5011 Datasheet HTML 5Page - Infineon Technologies AG TLE5011 Datasheet HTML 6Page - Infineon Technologies AG TLE5011 Datasheet HTML 7Page - Infineon Technologies AG TLE5011 Datasheet HTML 8Page - Infineon Technologies AG TLE5011 Datasheet HTML 9Page - Infineon Technologies AG TLE5011 Datasheet HTML 10Page - Infineon Technologies AG TLE5011 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TLE5011
Product Description
Final Data Sheet
7
V2.0, 2011-03
1.2
Features
Giant Magneto Resistance (GMR)-based principle
Integrated magnetic field sensing for angle measurement
Designed for 3.3 V and 5 V systems
Full 0 - 360° angle measurement
Highly accurate single-bit SD-ADC
16-bit representation of sine / cosine values on the interface
Wide magnetic operating range: 30mT to 50mT
Bi-directional SSC interface up to 2 Mbit/s
3-pin SSC interface, SPI compatible with open drain
ADCs and filters synchronized with external commands via SSC
Test resistors for simulating angle values
Core supply voltage 2.5 V
0.25-µm CMOS technology
Automotive qualified: -40°C to +150°C (junction temperature)
Latch-up immunity according JEDEC standard
ESD > 4 kV (HBM)
Green package with lead-free (Pb-free) plating
1.3
Application Example
The TLE5011 GMR angle sensor is designed for angular position sensing in automotive applications, such as:
Steering angle
Brushless DC motor commutation (e.g. Electric Power Steering (EPS))
Rotary switch
General angular sensing


同様の部品番号 - TLE5011

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
   GMR Angle Sensor
May 2010 V1.1
More results

同様の説明 - TLE5011

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE5011 INFINEON-TLE5011 Datasheet
1Mb / 43P
   GMR Angle Sensor
May 2010 V1.1
TLE5014SP16E0001 INFINEON-TLE5014SP16E0001 Datasheet
892Kb / 29P
   GMR-based Angle Sensor
Rev. 1.1 2019-04-04
TLI5012BE1000 INFINEON-TLI5012BE1000_15 Datasheet
2Mb / 37P
   GMR-Based Angle Sensor
Rev. 1.1, 2015-09
TLE5014SP16E0002 INFINEON-TLE5014SP16E0002 Datasheet
912Kb / 29P
   GMR-based Angle Sensor
Rev. 1.1 2019-04-04
TLE5012BD INFINEON-TLE5012BD Datasheet
674Kb / 17P
   GMR-Based Dual Die Angle Sensor
Rev. 1.1, 2015-03-12
TLE5009-E2000 INFINEON-TLE5009-E2000 Datasheet
1Mb / 32P
   GMR-Based Angular Sensor
Rev. 1.1, 2012-04
TLE5010 INFINEON-TLE5010 Datasheet
2Mb / 56P
   GMR Based Angular Sensor
V 0.9, May 2007
logo
RHOPOINT COMPONENTS
AG910 RHOPOINT-AG910 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
List of Unclassifed Man...
AAV001-11 ETC-AAV001-11 Datasheet
140Kb / 3P
   Spin Valve GMR Bridge Sensor
logo
RHOPOINT COMPONENTS
AG003-01 RHOPOINT-AG003-01 Datasheet
331Kb / 1P
   GMR Current Sensor Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com