データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N459 データシート(PDF) 2 Page - Microsemi Corporation

部品番号 1N459
部品情報  SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N459 データシート(HTML) 2 Page - Microsemi Corporation

  1N459 Datasheet HTML 1Page - Microsemi Corporation 1N459 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
LDS-0024 Rev. 2 (100185)
Page 2 of 2
PACKAGE DIMENSIONS
Dimensions
Type
Inches
Millimeters
Ltr
Min
Max
Min
Max
BD
.056
.075
1.42
1.90
(DO-35)
BL
.140
.180
3.56
4.57
LD
.018
.022
0.46
0.56
LL
1.000
1.500
25.40
38.10
BD
.085
.130
2.16
3.30
(DO-7)
BL
.230
.300
5.84
7.62
LD
.018
.023
0.46
0.58
LL
1.000
1.500
25.40
38.10
NOTES:
1. Dimensions are in inches.
2. Millimeters are given for general information only.
3. In accordance with ASME Y14.5M, diameters are
equivalent to Φx symbology.
FIGURE 1
Physical dimensions: TYPES: 1N457, 1N458, and 1N459
DESIGN DATA
Case: Hermetically sealed glass package per MIL-PRF-19500/193. DO-35 outline.
Lead Material: Copper clad steel
Lead Finish: Tin / Lead
Thermal Impedance (ZθJX): 70°C/W maximum
Polarity: Cathode end is banded.
Marking: Blue body coat
Black digits


同様の部品番号 - 1N459

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
1N459 FAIRCHILD-1N459 Datasheet
26Kb / 2P
   Small Signal Diode
logo
List of Unclassifed Man...
1N459 ETC1-1N459 Datasheet
266Kb / 6P
   silicon diode
logo
National Semiconductor ...
1N459 NSC-1N459 Datasheet
38Kb / 2P
   High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
1N459 FAIRCHILD-1N459 Datasheet
28Kb / 2P
   Small Signal Diode
logo
Microsemi Corporation
1N459 MICROSEMI-1N459 Datasheet
77Kb / 1P
   SWITCHING DIODE
More results

同様の説明 - 1N459

メーカー部品番号データシート部品情報
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com