データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD2150 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 2SD2150
部品情報  NPN Plastic Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD2150 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD2150_09 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD2150_09 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SD2150
3 A, 40 V
NPN Plastic Encapsulated Transistor
6-Nov-2009 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Excellent Current-to-Gain Characteristics
Low Collector Saturation Voltage,
VCE(SAT)=0.5V(Max.) for IC / IB=2A/0.1A
MARKING
CFR
CFS
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
6
V
Collector Current-Continuous
IC
3
A
Collector Power Dissipation
PC
500
mW
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector-base breakdown voltage
V(BR)CBO
40
-
-
V
IC=50
µA, I
E=0
Collector-emitter breakdown voltage
V(BR)CEO
20
-
-
V
IC=1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
6
-
-
V
IE=50
µA, I
C=0
Collector cut-off current
ICBO
-
-
0.1
µA V
CB=30V, IE=0
Emitter cut-off current
IEBO
-
-
0.1
µA V
EB=5 V, IC=0
DC current gain
hFE*
180
-
560
VCE=2V, IC= 100mA
Collector-emitter saturation voltage
VCE(sat) *
-
-
0.5
V
IC=2A, IB= 100mA
Transition frequency
fT*
-
290
-
MHz
VCE=2V, IC=-500mA, f=100MHz
Collector Output Capacitance
COB
-
25
-
pF
VCB=10V, IE=0, f=1MHz
*Pulse test: tP≦300
µS, δ≦0.02
CLASSIFICATION OF hFE
Rank
R
S
Range
180-390
270-560
Marking
CFR
CFS
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.20
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
B C
E


同様の部品番号 - 2SD2150_09

メーカー部品番号データシート部品情報
logo
Rohm
2SD2150 ROHM-2SD2150_09 Datasheet
167Kb / 3P
   Low Frequency Transistor (20V, 3A)
More results

同様の説明 - 2SD2150_09

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
D882S SECOS-D882S Datasheet
214Kb / 2P
   NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
   NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
   NPN Plastic Encapsulated Transistor
2SD1468S SECOS-2SD1468S Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
BD135 SECOS-BD135 Datasheet
85Kb / 2P
   NPN Plastic Encapsulated Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com