データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC817-16W データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 BC817-16W
部品情報  NPN Plastic Encapsulate Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC817-16W データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC817-16W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC817-16W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BC817 -16W, -25W, -40W
500 mA, 50 V
NPN Plastic Encapsulate Transistor
Elektronische Bauelemente
28-Jul-2010 Rev. C
Page 1 of 2

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
For general AF applications
High collector current
High current gain
Low collector-emitter saturation voltage
PACKAGE INFORMATION
Weight: 0.0074 g (approximately)
MARKING
BC817-16W:
6A
BC817-25W:
6B
BC817-40W:
6C , YM
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
IC
500
mA
Collector Power Dissipation
PC
300
mW
Junction, Storage Temperature
TJ, TSTG
-55 ~ +150
CHARACTERISTICS at Ta = 25°C
Parameter
Symbol
Min.
Max.
Unit
Test Conditions
Collector-base Breakdown Voltage
BVCBO
50
-
V
IC = 10 uA, IE = 0
Collector-emitter Breakdown Voltage
BVCEO
45
-
V
IC = 10 mA, IB = 0
Emitter-base Breakdown Voltage
BVEBO
5
-
V
IE = 1 uA, IC = 0
Collector Cut-off Current
ICBO
-
0.1
uA
VCB = 20V, IE = 0
Emitter Cut-off Current
IEBO
-
0.1
uA
VEB = 5V, IC = 0
Collector-emitter Saturation Voltage
VCE(sat)
-
0.7
V
IC = 500mA, IB = 50 mA
Base-emitter Saturation Voltage
VBE(sat)
-
1.2
V
IC = 500mA, IB = 50 mA
Base-emitter Voltage
VBE(on)
1.2
V
VCE = 1V, IC = 500mA
DC Current Gain
hFE(1)
100
600
VCE = 1 V, IC = 100 mA
DC Current Gain
hFE(2)
40
-
VCE = 1 V, IC = 500 mA
Transition Frequency
fT
100
-
MHz
VCE = 5 V, IC = 10 mA,
f = 100MHz
Collector Capacitance
CC
-
5
pF
VCB = 10V, f=1MHz
CLASSIFICATION OF hFE(1)
Rank
BC817-16W
BC817-25W
BC817-40W
Range
100 - 250
160 - 400
250 - 600
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-323
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


同様の部品番号 - BC817-16W

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC817-16W PHILIPS-BC817-16W Datasheet
49Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC817-16W SIEMENS-BC817-16W Datasheet
90Kb / 5P
   NPN Silicon AF Transistor (For general AF applications High collector current High current gain)
logo
Infineon Technologies A...
BC817-16W INFINEON-BC817-16W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Diodes Incorporated
BC817-16W DIODES-BC817-16W Datasheet
364Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30575 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W Datasheet
576Kb / 4P
   200mW, NPN Small Signal Transistor
More results

同様の説明 - BC817-16W

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
   NPN Plastic Plastic-Encapsulate Transistor
2SD2114 SECOS-2SD2114_15 Datasheet
413Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SD2142 SECOS-2SD2142_15 Datasheet
335Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SD601A SECOS-2SD601A_15 Datasheet
58Kb / 1P
   NPN Plastic-Encapsulate Transistor
2SC2859 SECOS-2SC2859_15 Datasheet
526Kb / 2P
   NPN Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883_15 Datasheet
370Kb / 3P
   NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215_15 Datasheet
195Kb / 3P
   NPN Plastic-Encapsulate Transistor
BCP3669 SECOS-BCP3669_15 Datasheet
191Kb / 2P
   NPN Plastic-Encapsulate Transistor
BC817W SECOS-BC817W_15 Datasheet
240Kb / 2P
   NPN Plastic Encapsulate Transistor
M8050T SECOS-M8050T_15 Datasheet
64Kb / 1P
   NPN Plastic Encapsulate Transistor
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
   NPN Plastic-Encapsulate Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com