データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2N3810U データシート(PDF) 4 Page - Microsemi Corporation

部品番号 2N3810U
部品情報  PNP SILICON DUAL TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROSEMI [Microsemi Corporation]
ホームページ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3810U データシート(HTML) 4 Page - Microsemi Corporation

  2N3810U Datasheet HTML 1Page - Microsemi Corporation 2N3810U Datasheet HTML 2Page - Microsemi Corporation 2N3810U Datasheet HTML 3Page - Microsemi Corporation 2N3810U Datasheet HTML 4Page - Microsemi Corporation 2N3810U Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0118 Rev. 2 (110152)
Page 4 of 5
PACKAGE DIMENSIONS
NOTES:
1
Dimensions are in inches.
2
Millimeters are given for general information only.
3
Refer to rules for dimensioning Semiconductor Product Outlines included in Publication No. 95.
4
Lead number 4 and 8 omitted on this variation.
5
TW must be held to a minimum length of .021 inch (0.53 mm).
6
LL measured from maximum HD.
7
Details of outline in this zone optional.
8
CD shall not vary more than .010 inch (0.25mm) in zone P. This zone is controlled for automatic handling.
9
Leads at gauge plane .054 - .055 inch (1.37 - 1.40 mm) below seating plane shall be within .007 (0.18 mm) radius of true
position (TP) at a maximum material condition (MMC) relative to the tab at MMC. The device may be measured by direct
methods or by the gauge and gauging procedure described on gauge drawing GS-1.
10
LD applies to LL minimum.
11
r (radius) applies to both inside corners of tab.
12
For transistor types 2N3810 and 2N3811, LL is .500 inch (12.70 mm) minimum, and .750 inch (19.05 mm) maximum. (TO-
78).
13
For transistor types 2N3810L and 2N3811L, LL is 1.500 inches (38.10 mm) minimum, and 1.750 inches (44.45 mm)
maximum.
14
In accordance with AMSE Y14.5M, diameters are equivalent to
φx symbology.
15
Leads 3 and 5 = emitter, leads 2 and 6 = base, leads 1 and 7 = collector.
FIGURE 1. Physical dimensions (similar to TO-78)
DIMENSIONS
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.305
.335
7.75
8.51
CH
.150
.185
3.81
4.70
HD
.335
.370
8.51
9.40
HT
.009
.041
0.23
1.04
LC
.200 BSC
5.08 BSC
LD
.016
.021
0.41
0.53
10
LL
See notes 10, 11, and 13
α
45 TP
45 TP
9
TL
.029
.045
0.74
1.14
5, 6
TW
.028
.034
0.71
0.86
4, 5


同様の部品番号 - 2N3810U

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
2N3810U MICROSEMI-2N3810U Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
2N3810U MICROSEMI-2N3810U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810U MICROSEMI-2N3810U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810U MICROSEMI-2N3810U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
More results

同様の説明 - 2N3810U

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N3726 CENTRAL-2N3726_15 Datasheet
112Kb / 2P
   PNP DUAL SILICON TRANSISTOR
2N3726 CENTRAL-2N3726 Datasheet
108Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
Microsemi Corporation
JANTX2N3810 MICROSEMI-JANTX2N3810 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
MD3250 CENTRAL-MD3250 Datasheet
494Kb / 2P
   DUAL PNP SILICON TRANSISTOR
2N3810 CENTRAL-2N3810 Datasheet
113Kb / 2P
   DUAL PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810 Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
2N5795 MICROSEMI-2N5795 Datasheet
127Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SA1928 ETC-2SA1928 Datasheet
113Kb / 5P
   SILICON PNP DUAL TRANSISTOR
logo
Microsemi Corporation
JANTX2N3810U MICROSEMI-JANTX2N3810U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810 MICROSEMI-2N3810_1 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com