データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP194 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 BCP194
部品情報  Planar Medium Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP194 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP194 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP194 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BCP194
NPN Silicon
Planar Medium Power Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
SOT-89
Absolute Maximum Ratings at TA=25 C
o
Symbol
Parameter
Value
Collector Current (DC)
5
1
200
55~+150
60
80
1
2
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
A
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
Collector Current (Pulse)
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
C
*
Pulse width 300 s, Duty Cycle 2%
µ
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC=100
VCES=60V
µA,IE=0
IC=10mA,IB=0
IE=100µA,IC=0
VCB= 60V,IE=0
IC=
VCE= V, IC=
VCE= V, IC=50mA,f=100MHz
VCB=10 , f=1MHz,IE=0
*BVCEO
60
-
-
V
BVEBO
-
-
V
ICBO
-
-
100
nA
-
*VCE(sat)1
-
*hFE1
fT
-
MH
Cob
-
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
80
5
0.25
100
V
500mA,IB=50mA
5
500mA
10
V
100
300
-
150
10
ICES
Emitter-Base Cutoff Current
-
nA
IC=
*VBE(sat)
-
Base-Emitter Saturation Voltage
100
1.1
V
1A,IB=100mA
*hFE2
-
VCE= V, IC=
5
1mA
IC=
*VCE(sat)2
-
0.5
V
1A,IB=100mA
IC=
*VBE(on)
-
1
V
1A,VCE=5V
VCE= V, IC=
*hFE3
5
2 A
30
-
80
*hFE4
-
VCE= V, IC=
5
1A
Measured under pulse condition.
-
-
-
-
-
-
-
-
-
VEB=4V,IC=0
-
100
IEBO
Emitter-Base Cutoff Current
-
nA
o
IB
Base Current
mA
01-Jun-2002 Rev. A
Page 1 of 2
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Description
The BCP194 is designed for medium
power amplifier applications.
Features
* 1 Amp Continuous Current
* 60 Volt VCEO
* Complementary to BCP195


同様の部品番号 - BCP194

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
BCP195 SECOS-BCP195 Datasheet
766Kb / 2P
   Medium Power Transistor
More results

同様の説明 - BCP194

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
PZT2907A SECOS-PZT2907A Datasheet
297Kb / 2P
   Silicon Planar Medium Power Transistor
PZT2222A-C SECOS-PZT2222A-C Datasheet
323Kb / 3P
   Silicon Planar Medium Power Transistor
PZT3906-C SECOS-PZT3906-C Datasheet
224Kb / 2P
   Silicon Planar Medium Power Transistor
PZT3904 SECOS-PZT3904_15 Datasheet
471Kb / 2P
   Silicon Planar Medium Power Transistor
PZT2907A SECOS-PZT2907A_15 Datasheet
297Kb / 2P
   Silicon Planar Medium Power Transistor
PZT3904-C SECOS-PZT3904-C Datasheet
356Kb / 2P
   Silicon Planar Medium Power Transistor
PZT559A SECOS-PZT559A Datasheet
705Kb / 4P
   Silicon Planar Medium Power Transistor
PZT3906 SECOS-PZT3906_15 Datasheet
223Kb / 2P
   Silicon Planar Medium Power Transistor
PZT2907A-C SECOS-PZT2907A-C Datasheet
178Kb / 2P
   Silicon Planar Medium Power Transistor
PZT194 SECOS-PZT194 Datasheet
797Kb / 2P
   Silicon Planar Medium Power Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com