データシートサーチシステム |
|
BCPA42 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
BCPA42 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page Elektronische Bauelemente BCPA42 NPN Epitaxial Planar Transistors 01-June-2004 Rev. A Page 1 of 2 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. RoHS Compliant Product A suffix of “-C” specifies halogen & lead-free FEATURES The BCPA42 is designed for application as a video output to drive color CRT, or as a dialer circuit in electronics telephone. PACKAGE DIMENSIONS ABSOLUTE MAXIMUM RATINGS at Ta = 25°C Parameter Symbol Ratings Unit Collector-Base Voltage VCBO 300 V Collector-Emitter Voltage VCEO 300 V Emitter-Base Voltage VEBO 6.0 V Collector Current -Continuous IC 500 mA Collector Power Dissipation PD 1.0 W Junction & Storage temperature TJ, TSTG 150, -55~150 °C ELECTRICAL CHARACTERISTICS at Ta = 25°C Parameter Symbol Min. Typ. Max. Unit Test Conditions Collector-base breakdown voltage V(BR)CBO 300 - - V IC= 100 μA, IE=0 Collector-emitter breakdown voltage V(BR)CEO 300 - - V IC= 1 mA, IB=0 Emitter-base breakdown voltage V(BR)EBO 6.0 - - V IE= 100 μA, IC=0 Collector cut-off current ICBO - - 0.1 μ A VCB= 260 V Emitter cut-off current IEBO - - 0.1 μ A VEB= 6V hFE(1) 25 - - VCE= 10 V, IC= 1 mA hFE(2) 40 - - VCE= 10 V, IC= 10 mA DC current gain hFE(3) 40 - - VCE= 10 V, IC= 30 mA Collector-emitter saturation voltage VCE(sat) - 500 mV IC= 20 mA, IB= 2 mA Base-emitter saturation voltage VBE(sat) - - 900 mV IC= 20 mA, IB= 2 mA Transition frequency f T 50 - - MHz VCE = 20V, IC= 10mA, f=100MHz Output Capacitance COB - 3 - pF VCB = 20V Millimeter Millimeter REF. Min. Max. REF. Min. Max. A 4.40 4.60 G 3.00 REF. B 4.05 4.25 H 1.50 REF. C 1.50 1.70 I 0.40 0.52 D 1.30 1.50 J 1.40 1.60 E 2.40 2.60 K 0.35 0.41 F 0.89 1.20 L 5° TYP. M0.70 REF. SOT-89 G L H I A C D |
同様の部品番号 - BCPA42 |
|
同様の説明 - BCPA42 |