データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMC1200SDUBR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 AMC1200SDUBR
部品情報  Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200SDUBR データシート(HTML) 3 Page - Texas Instruments

  AMC1200SDUBR Datasheet HTML 1Page - Texas Instruments AMC1200SDUBR Datasheet HTML 2Page - Texas Instruments AMC1200SDUBR Datasheet HTML 3Page - Texas Instruments AMC1200SDUBR Datasheet HTML 4Page - Texas Instruments AMC1200SDUBR Datasheet HTML 5Page - Texas Instruments AMC1200SDUBR Datasheet HTML 6Page - Texas Instruments AMC1200SDUBR Datasheet HTML 7Page - Texas Instruments AMC1200SDUBR Datasheet HTML 8Page - Texas Instruments AMC1200SDUBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AMC1200
www.ti.com
SBAS542
– APRIL 2011
IEC 60747-5-2 INSULATION CHARACTERISTICS
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VALUE
UNIT
VIORM
Maximum working insulation voltage
1200
VPEAK
Qualification test: after Input/Output Safety Test
Subgroup 2/3 VPR = VIORM x 1.2, t = 10 s, partial
1140
VPEAK
discharge
< 5 pC
Qualification test: method a, after environmental tests
VPR
Input to output test voltage
subgroup 1, VPR = VIORM x 1.6, t = 10 s, partial discharge
1920
VPEAK
< 5 pC
100% production test: method b1, VPR = VIORM x 1.875,
2250
VPEAK
t = 1 s, partial discharge
< 5 pC
VIOTM
Transient overvoltage
Qualification test: t = 60 s
4000
VPEAK
Qualification test: VTEST = VISO , t = 60 s
4000
VPEAK
VISO
Insulation voltage per UL
100% production test: VTEST = 1.2 x VISO , t = 1 s
4800
VPEAK
RS
Insulation resistance
VIO = 500 V at TS
> 109
Ω
PD
Pollution degree
2
°
IEC SAFETY LIMITING VALUES
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output (I/O) circuitry. A
failure of the I/O circuitry can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient
power to overheat the die and damage the isolation barrier, potentially leading to secondary system failures.
The safety-limiting constraint is the operating virtual junction temperature range specified in the Absolute Maximum Ratings
table. The power dissipation and junction-to-air thermal impedance of the device installed in the application hardware
determine the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that of
a device installed in the JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages and
is conservative. The power is the recommended maximum input voltage times the current. The junction temperature is then
the ambient temperature plus the power times the junction-to-air thermal resistance.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current
θJA = 246°C/W, VIN = 5.5 V, TJ = +150°C, TA = +25°C
10
mA
TC
Maximum case temperature
+150
°C
IEC 61000-4-5 RATINGS
PARAMETER
TEST CONDITIONS
VALUE
UNIT
VIOSM
Surge immunity
1.2-
μs/50-μs voltage surge and 8-μs/20-μs current surge
±4000
V
IEC 60664-1 RATINGS
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤ 150 VRMS
I-IV
Rated mains voltage
≤ 300 VRMS
I-IV
Installation classification
Rated mains voltage
≤ 400 VRMS
I-III
Rated mains voltage
< 600 VRMS
I-III
Copyright
© 2011, Texas Instruments Incorporated
3


同様の部品番号 - AMC1200SDUBR

メーカー部品番号データシート部品情報
logo
Texas Instruments
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
More results

同様の説明 - AMC1200SDUBR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208 Datasheet
872Kb / 15P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_16 Datasheet
7Mb / 17P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
AD208 AD-AD208_15 Datasheet
8Mb / 16P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com