データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4S014DSQR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPD4S014DSQR
部品情報  COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4S014DSQR データシート(HTML) 3 Page - Texas Instruments

  TPD4S014DSQR Datasheet HTML 1Page - Texas Instruments TPD4S014DSQR Datasheet HTML 2Page - Texas Instruments TPD4S014DSQR Datasheet HTML 3Page - Texas Instruments TPD4S014DSQR Datasheet HTML 4Page - Texas Instruments TPD4S014DSQR Datasheet HTML 5Page - Texas Instruments TPD4S014DSQR Datasheet HTML 6Page - Texas Instruments TPD4S014DSQR Datasheet HTML 7Page - Texas Instruments TPD4S014DSQR Datasheet HTML 8Page - Texas Instruments TPD4S014DSQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPD4S014
www.ti.com
SLVSAU0A
– MAY 2011 – REVISED JUNE 2011
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NAME
NO.
D
6
I/O
USB data
D+
7
I/O
USB data+
ID
5
I/O
USB ID signal
Open-Drain Adapter-Voltage Indicator Output. ACOK is driven low after the VIN voltage is stable
ACK
4
O
between UVLO and OVLO for 16ms (typ). Connect a pullup resistor from ACOK to the logic I/O
voltage of the host system.
EN
3
I
Enable Active-Low Input. Drive EN low to enable the switch. Drive EN high to disable the switch.
VBUS
9, 10
USB Input
USB connector VBUS
Power
VCC
1, 2
Power Output Connect to PCB internal PCB plane
GND
8
Ground
Connect to PCB ground plane
Central
Central
Heat Sink
Electrically disconnected. Use as heat sink. Connect to GND plane via large PCB PAD
PAD
PAD
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Max Voltage on VBUS
–0.5
30
V
Continuous current through NFET
2.6
A
Max Current through D+, D-, ID, VBUS ESD clamps
-50
mA
Continuous current through logic output
–50
50
mA
Maximum junction temperature
–40
150
°C
IEC 61000-4-2 Contact Discharge
D+, D
–, ID, VBUS pins
±15
kV
IEC 61000-4-2 Air-gap Discharge
D+, D
–, ID, VBUS pins
±15
kV
Human-Body Model
EN, ACK, VCC pins
±2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
THERMAL INFORMATION
TPD4S014
THERMAL METRIC(1)
UNITS
DSQ (10) PINS
θJA
Junction-to-ambient thermal resistance
70.3
θJCtop
Junction-to-case (top) thermal resistance
46.3
θJB
Junction-to-board thermal resistance
33.8
°C/W
ψJT
Junction-to-top characterization parameter
2.9
ψJB
Junction-to-board characterization parameter
33.5
θJCbot
Junction-to-case (bottom) thermal resistance
16.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2011, Texas Instruments Incorporated
3


同様の部品番号 - TPD4S014DSQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
2Mb / 17P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
TPD4S014DSQR TI1-TPD4S014DSQR Datasheet
3Mb / 26P
[Old version datasheet]   USB Charger Port Protection Including ESD Protection for All Lines
More results

同様の説明 - TPD4S014DSQR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPD4S014_1110 TI1-TPD4S014_1110 Datasheet
2Mb / 17P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD PROTECTION FOR ALL LINES AND
OCTOBER2011
TPD4S014 TI1-TPD4S014_15 Datasheet
3Mb / 26P
[Old version datasheet]   USB Charger Port Protection Including ESD Protection for All Lines
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012DRLR TI-TPD4S012DRLR Datasheet
627Kb / 12P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012 TI-TPD4S012 Datasheet
283Kb / 9P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
California Micro Device...
CM1240 CALMIRCO-CM1240 Datasheet
147Kb / 6P
   Dual-Voltage ESD Protection Array for USB Port
logo
STMicroelectronics
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF01-10018W5 STMICROELECTRONICS-EMIF01-10018W5 Datasheet
150Kb / 10P
   EMI FILTER INCLUDING ESD PROTECTION
EMIF09-02726SX STMICROELECTRONICS-EMIF09-02726SX Datasheet
156Kb / 12P
   EMI FILTER INCLUDING ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com