データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM123 データシート(PDF) 5 Page - Seme LAB

部品番号 LM123
部品情報  3 AMP POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM123 データシート(HTML) 5 Page - Seme LAB

  LM123 Datasheet HTML 1Page - Seme LAB LM123 Datasheet HTML 2Page - Seme LAB LM123 Datasheet HTML 3Page - Seme LAB LM123 Datasheet HTML 4Page - Seme LAB LM123 Datasheet HTML 5Page - Seme LAB LM123 Datasheet HTML 6Page - Seme LAB LM123 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IP123A SERIES
IP123A SERIES
IP323A SERIES
LM123 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 8/95
0
25
50
75
100
125
-50
-25
150
0.98
1.02
0.99
1.01
Tem perature (˚C )
1.00
Frequency (H z)
10
100
1k
10k
100k
1M
0.0001
0.001
0.01
0.1
1
10
C
= 0
O U T
C
= 10
µF
O U T
V
= 10V
IN
V
= 5V
O U T
I
= 1A
O U T
25
50
75
100
125
0
10
20
30
40
Am bient Temperature (˚ C)
T
AM B
θSA OF HEATSINKS
INFINITE
HEAT SINK
1.3 ˚C/W
2.4 ˚C/W
3.3 ˚ C/W
6.3 ˚C/W
10.5 ˚C/W
25
50
75
100
125
0
Am bient Temperature (˚C )
T
AM B
10
20
30
40
θSA OF HEATSINKS
INFINITE
HEAT SINK
1.3 ˚C/W
2.4 ˚C/W
3.3 ˚C/W
6.3 ˚C/W
10.5 ˚C/W
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT IMPEDANCE
OUTPUT VOLTAGE
(Normalised to 1V at TJ = 25°C)
MAXIMUM AVERAGE POWER DISSIPATION
( For IP323AK, IP323K, IP323AV, IP323V)
MAXIMUM AVERAGE POWER DISSIPATION
( For IP123AK, IP123K, IP123AG, IP123G)


同様の部品番号 - LM123

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
STMicroelectronics
LM123 STMICROELECTRONICS-LM123 Datasheet
170Kb / 9P
   THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Connor-Winfield Corpora...
LM123-155.52M CONNOR-WINFIELD-LM123-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
LightKey Optoelectronic...
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
More results

同様の説明 - LM123

メーカー部品番号データシート部品情報
logo
Seme LAB
IP1R18A SEME-LAB-IP1R18A Datasheet
29Kb / 4P
   5 AMP POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
   1.5 AMP POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ55Z3L SEMTECH-EZ55Z3L Datasheet
161Kb / 6P
   0.25 AMP POSITIVE VOLTAGE REGULATORS
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
   5 AMP POSITIVE VOLTAGE REGULATORS
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com