データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM138 データシート(PDF) 6 Page - Seme LAB

部品番号 LM138
部品情報  5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM138 データシート(HTML) 6 Page - Seme LAB

  LM138 Datasheet HTML 1Page - Seme LAB LM138 Datasheet HTML 2Page - Seme LAB LM138 Datasheet HTML 3Page - Seme LAB LM138 Datasheet HTML 4Page - Seme LAB LM138 Datasheet HTML 5Page - Seme LAB LM138 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IP138A SERIES
IP138A SERIES
IP338A SERIES
IP338A SERIES
LM138 SERIES
Prelim. 4/96
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
µ
OUT
P
L
IN
IN
IN
8
6
4
3
2
7
1
25
F
1k
5
121
25
383
5V
VV
V
R
R
(Max Drop 300mV)
OUTPUT
RETURN
RETURN
V
LM301A
ADJ
IP138A
IN
OUT
IN
OUT
1F
1k
121
1k
383
V
V
5V
ADJ
VV
2N3904
TTL
IP138A
µ
IN
OUT
PP
1F
1%
249
39k
18k
100k
750
1%
3.24k
1%
ADJ
V
V
To
To OE
READ
WRITE
BYTE ERASE
CHIP ERASE
+24V
V
IP138A
All gates 7406.
µ
OUT
IN
IN
1F
R1
121
C1
10 F
R2
383
VV
ADJ
V
5V
IP138A
µ
µ
THERMALLY
COUPLE
IN
OUT
IN
20k
50
10k
50k
12V
243
2N3906
1N4001
VV
V
ADJ
IP138A
Remote Sensing
5V Regulator with Shut Down
Improving Ripple Rejection
Temperature Compensated Lead–Acid Battery Charger
OE
VPP
READ
0V
5V
WRITE
BYTE
5V
21V
CHIP ERASE 12V
21V
2816 EEPROM Supply Programmer for
Read/Write Control
APPLICATIONS INFORMATION
C1 improves ripple rejection.
XC should be small compared to R2.


同様の部品番号 - LM138

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
STMicroelectronics
LM138 STMICROELECTRONICS-LM138 Datasheet
186Kb / 12P
   THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
logo
Linear Technology
LM138 LINER-LM138 Datasheet
185Kb / 12P
   5A Positive Adjustable Voltage Regulator
LM138 LINER-LM138 Datasheet
148Kb / 12P
   5A Positive Adjustable Voltage Regulator
logo
STMicroelectronics
LM138 STMICROELECTRONICS-LM138 Datasheet
1Mb / 23P
   Three-terminal 5 A adjustable voltage regulators
More results

同様の説明 - LM138

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
UA78HGA FAIRCHILD-UA78HGA Datasheet
305Kb / 4P
   Positive Adjustable 5-Amp Voltage Regulator
logo
Micropac Industries
52150 MICROPAC-52150 Datasheet
114Kb / 4P
   POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
Seme LAB
IP117MAHVH SEME-LAB-IP117MAHVH Datasheet
24Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
   3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
   5 Amp Positive Voltage Regulator
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
logo
Semtech Corporation
LAS79HG SEMTECH-LAS79HG Datasheet
262Kb / 5P
   5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Micropac Industries
52149 MICROPAC-52149 Datasheet
112Kb / 3P
   NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com