データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM138 データシート(PDF) 3 Page - Seme LAB

部品番号 LM138
部品情報  5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM138 データシート(HTML) 3 Page - Seme LAB

  LM138 Datasheet HTML 1Page - Seme LAB LM138 Datasheet HTML 2Page - Seme LAB LM138 Datasheet HTML 3Page - Seme LAB LM138 Datasheet HTML 4Page - Seme LAB LM138 Datasheet HTML 5Page - Seme LAB LM138 Datasheet HTML 6Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IP138A SERIES
IP138A SERIES
IP338A SERIES
IP338A SERIES
LM138 SERIES
Prelim. 4/96
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
1) Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to
heating effects are covered under thermal regulation specifications. Load regulation is measured from the bottom of the package
for the TO–3 package and at the junction of the wide and narrow portion of the output lead for the TO–218 package.
2) Test Conditions unless othewise stated: VIN – VOUT = 5V , TJ = 25°C , IOUT = 2.5A.
Although power dissipation is internally limited, these specifications apply for dissipations of 50W and IMAX = 5A.
VREF
Reference Voltage
DVOUT
Line Regulation 1
DVIN
DVOUT
Load Regulation 1
DIOUT
Thermal Regulation
Ripple Rejection
IADJ
Adjust Pin Current
DIADJ Adjust Pin Current
Change
IMIN
Minimum Load
Current
ISC
Current Limit
DVOUT Temperature
DTEMP Stability
DVOUT
Long Term Stability
DTIME
en
RMS Output Noise
(% of VOUT)
RqJC
Thermal Resistance
Junction to Case
IOUT = 10mA
IOUT = 10mA to 5A
VIN – VOUT = 3V to 35V
P
£ 50W
TJ = 0 to +125°C
VIN – VOUT = 3V to 35V
TJ = 0 to +125°C
IOUT = 10mA to 5A
VOUT £ 5V
VOUT ³ 5V
IOUT = 10mA to 5A
VOUT £ 5V
TJ = 0 to +125°C
VOUT ³ 5V
tp = 20ms
CADJ = 0
VOUT = 10V
TJ = 0 to +125°C
f = 120Hz
CADJ = 10mF
TJ = 0 to +125°C
TJ = 0 to +125°C
IOUT = 10mA to 5A
VIN – VOUT = 3V to 35V
TJ = 0 to +125°C
VIN – VOUT = 35V
TJ = 0 to +125°C
VIN – VOUT £ 10V
DC
TJ = 0 to +125°C
0.5ms Peak
VIN – VOUT = 30V
TJ = 0 to +125°C
TA = 125°C
t = 1000 Hrs
f = 10 Hz to 10 kHz
K Package (TO–3)
V Package (TO–218)
1.238
1.25
1.262
1.225
1.250
1.270
0.005
0.010
0.020
0.040
515
0.1
0.3
20
30
0.3
0.6
0.002
0.020
60
60
75
45
100
0.2
5
3.5
10
58
612
0.25
1
12
0.3
1
0.001
1
1
1.190
1.240
1.290
0.005
0.030
0.020
0.060
525
0.1
0.5
20
50
0.3
1
0.002
0.020
60
60
75
45
100
0.2
5
3.5
10
58
612
1
1
0.3
1
0.003
1
1
V
V
% / V
mV
%
mV
%
%/W
dB
dB
mA
mA
mA
A
A
%
%
%
°C/W
LM338
IP338A
IP338
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max. Units


同様の部品番号 - LM138

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
STMicroelectronics
LM138 STMICROELECTRONICS-LM138 Datasheet
186Kb / 12P
   THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
logo
Linear Technology
LM138 LINER-LM138 Datasheet
185Kb / 12P
   5A Positive Adjustable Voltage Regulator
LM138 LINER-LM138 Datasheet
148Kb / 12P
   5A Positive Adjustable Voltage Regulator
logo
STMicroelectronics
LM138 STMICROELECTRONICS-LM138 Datasheet
1Mb / 23P
   Three-terminal 5 A adjustable voltage regulators
More results

同様の説明 - LM138

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
UA78HGA FAIRCHILD-UA78HGA Datasheet
305Kb / 4P
   Positive Adjustable 5-Amp Voltage Regulator
logo
Micropac Industries
52150 MICROPAC-52150 Datasheet
114Kb / 4P
   POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
Seme LAB
IP117MAHVH SEME-LAB-IP117MAHVH Datasheet
24Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP150A SEME-LAB-IP150A Datasheet
59Kb / 6P
   3 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
   5 Amp Positive Voltage Regulator
logo
List of Unclassifed Man...
OM7620ST ETC1-OM7620ST Datasheet
37Kb / 4P
   1.5 AMP HIGH VOLTAGE POSITIVE ADJUSTABLE REGULATOR
logo
Semtech Corporation
LAS79HG SEMTECH-LAS79HG Datasheet
262Kb / 5P
   5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Micropac Industries
52149 MICROPAC-52149 Datasheet
112Kb / 3P
   NEGATIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR
logo
Sensitron
SHD526050 SENSITRON-SHD526050 Datasheet
43Kb / 2P
   POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com