データシートサーチシステム |
|
LM123K-05 データシート(PDF) 4 Page - Seme LAB |
|
LM123K-05 データシート(HTML) 4 Page - Seme LAB |
4 / 7 page IP123A SERIES IP123A SERIES IP323A SERIES LM123 SERIES Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612. Prelim. 8/95 14.85 15 15.15 14.55 15.45 45 75 10 1.5 1.5 90 56 70 50 2.5 4 105 1.5 2.5 3 4 TBA 14.4 15 15.6 14.25 15.75 75 150 14 3.0 3.0 90 50 70 46 2.5 4 105 2 4 TBA VO Output Voltage ∆V O Line Regulation ∆V O Load Regulation IQ Quiescent Current ∆I Q Quiescent Current Change VN Output Noise Voltage ∆V IN Ripple Rejection ∆V O ISC Short Circuit Current Ipk Peak Output Current Long Term Stability RθJC Thermal Resistance Junction to Case IP123A–15 IP123–15 IP323A–15 LM123–15 Parameter Test Conditions Min. Typ. Max. Min. Typ. Max. Units V V mV mV mA mA mA µVrm dB A A mV °C/W Notes 1) Applies over full temperature range:– TJ = –55 to +150°C for IP123A / IP123 / LM123 TJ = 0 to +125°C for IP323A All other specifications apply at TJ = 25°C unless otherwise stated. 2) PMAX = 30W for K–Pack (TO–3) , V–Pack (TO–218) and G–Pack (TO–257) Packages. PMAX = 25W for T–Pack (TO–220) Package. PMAX = 15W for SG–Pack (TO–220SM) Package. 3) All characteristics are measured with a capacitor across the input of 0.22 µF and a capacitor across the output of 0.1µF. 4) All characteristics except noise voltage and ripple rejection ratios are measured using pulse techniques (tp ≤ 10ms , δ ≤ 5%). 5) Output voltage changes due to changes into internal temperature must be taken into account separately. ELECTRICAL CHARACTERISTICS (T J = 25°C unless otherwise stated) IO = 1A VIN = 17.9V POUT ≤ PMAX 2 VIN = 18.5V to 25V IO = 5mA to 3A TJ = Over Temp. Range 1 IO = 1A VIN = 17.9V to 25V TJ = Over Temp. Range 1 VIN = 18.5V IO = 5mA to 3A TJ = Over Temp. Range 1 VIN = 18.5V IO = 5mA to 3A TJ = Over Temp. Range 1 VIN = 18.5V IO = 5mA to 3A TJ = Over Temp. Range 1 IO = 1A VIN = 17.9V to 25V TJ = Over Temp. Range 1 f = 10Hz to 100kHz f = 120Hz VIN = 18.5V to 28.5V IO = 1A TJ = Over Temp. Range 1 VIN = 18.5V VIN = 18.5V K Package , V Package G Package , T Package SG Package |
同様の部品番号 - LM123K-05 |
|
同様の説明 - LM123K-05 |