データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM123G-15 データシート(PDF) 7 Page - Seme LAB

部品番号 LM123G-15
部品情報  3 AMP POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM123G-15 データシート(HTML) 7 Page - Seme LAB

  LM123G-15 Datasheet HTML 1Page - Seme LAB LM123G-15 Datasheet HTML 2Page - Seme LAB LM123G-15 Datasheet HTML 3Page - Seme LAB LM123G-15 Datasheet HTML 4Page - Seme LAB LM123G-15 Datasheet HTML 5Page - Seme LAB LM123G-15 Datasheet HTML 6Page - Seme LAB LM123G-15 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IP123A SERIES
IP123A SERIES
IP323A SERIES
LM123 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 8/95
APPLICATIONS INFORMATION
R EG U LAT O R
IN P U T
O UT P UT
1
3 G N D
2
C 1*
0.22
µF
C 2**
R E G ULA TO R
INP U T
O UT P UT
1
3 G N D
2
C1
0.22
µF
R 1
R2
RE G U LA TO R
IN PU T
O U T PU T
1
3
2
C1
0.22
µF
R 1
OU T
I
* Required if the regulator is located far from the power supply filter.
** Although no output capacitor is needed for stability, it does help
transient response. If needed, use a 0.1
µF ceramic disk.
VOUT = VREG + (VREG / R1 + IQ) R2
VREG / R1 > 3 IQ
( R1 + R2 )
Load Regulation (Lr) ≈
(LR of regulator)
R1
[
]
VREG
IOUT =
+ IQ
R1
∆I
Q = 3.0mA over line and load changes.
FIXED OUTPUT REGULATOR
ADJUSTABLE OUTPUT REGULATOR
CURRENT REGULATOR
Part
K–Pack
G–Pack
T–Pack
V–Pack
SG–Pack
Temp.
Number
(TO–3)
(TO–257) (TO–220) (TO–218)
TO–220SM
Range
IP123Axx–zz
-55 to +150°C
IP123xx–zz
LM123xx–zz
IP323Axx–zz
0 to +125°C
Order Information
Note:
xx = Package Code
(K, G, T, V, SM)
eg.
IP123AK–15
zz = Voltage Code
(05, 12, 15)
IP123ASG–05


同様の部品番号 - LM123G-15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
STMicroelectronics
LM123 STMICROELECTRONICS-LM123 Datasheet
170Kb / 9P
   THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Connor-Winfield Corpora...
LM123-155.52M CONNOR-WINFIELD-LM123-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
LightKey Optoelectronic...
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
More results

同様の説明 - LM123G-15

メーカー部品番号データシート部品情報
logo
Seme LAB
IP1R18A SEME-LAB-IP1R18A Datasheet
29Kb / 4P
   5 AMP POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
   1.5 AMP POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ55Z3L SEMTECH-EZ55Z3L Datasheet
161Kb / 6P
   0.25 AMP POSITIVE VOLTAGE REGULATORS
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
   5 AMP POSITIVE VOLTAGE REGULATORS
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com