データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD107WS データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SD107WS
部品情報  Plastic-Encapsulate Schottky Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SD107WS データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SD107WS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SD107WS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SD107WS
100 mA, 30 V
Plastic-Encapsulate Schottky Diodes
10-Nov-2009 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Forward Voltage Drop
Guard Ring Die Construction for Transient Protection
Ideal for Low Logic Level Applications
Low Capacitance
Also Available in Lead Free Version
MARKING : SG
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS at TA = 25°C
PARAMETER
SYMBOL
RATINGS
UNIT
Non-Repetitive Peak reverse voltage
VRM
30
V
Forward Current
IFM
100
mA
Forward Surge Current (tP =10ms)
IFSM
750
mA
Power Dissipation (TC=25°C)
PTOT
250
mW
Thermal Resistance Junction to Ambient Air
T
θJA
500
°C/W
Junction, Storage Temperature
TJ, TSTG
150, -65~150
°C
ELECTRICAL RATING at TA = 25°C
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Reverse Breakdown Voltage
VR
30
V
IR = 100
µA
300
IF =2mA
360
IF =15mA
470
550
IF =50mA
Forward Voltage
VF
580
800
mV
IF =100mA
Reverse Current
IR
1
µA
VR = 25V
Capacitance between terminals
CT
7
pF
VR = 10V, f = 1MHZ
SOD-323
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70


同様の部品番号 - SD107WS

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SD107WS DIODES-SD107WS Datasheet
62Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 4 - 2
logo
Shenzhen Luguang Electr...
SD107WS LUGUANG-SD107WS Datasheet
191Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
General Semiconductor
SD107WS GE-SD107WS Datasheet
78Kb / 1P
   SCHOTTKY DIODES
logo
List of Unclassifed Man...
SD107WS ETC2-SD107WS Datasheet
171Kb / 2P
   Halogen free available upon request by adding suffix
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Diode
More results

同様の説明 - SD107WS

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
BAS70WS SECOS-BAS70WS Datasheet
157Kb / 2P
   Schottky Diodes Plastic-Encapsulate Diodes
SD101AW SECOS-SD101AW Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SD101XW SECOS-SD101XW_15 Datasheet
155Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SCS751DS SECOS-SCS751DS_15 Datasheet
98Kb / 2P
   Plastic-Encapsulate Schottky Diodes
SD107WS SECOS-SD107WS_15 Datasheet
121Kb / 2P
   Plastic-Encapsulate Schottky Diodes
logo
WILLAS ELECTRONIC CORP
BAS70W WILLAS-BAS70W Datasheet
716Kb / 6P
   Plastic-Encapsulate Schottky Barrier Diodes
BAS70WS WILLAS-BAS70WS Datasheet
785Kb / 6P
   Plastic-Encapsulate Schottky Barrier Diodes
BAT42WS WILLAS-BAT42WS Datasheet
160Kb / 3P
   SOD-323 Plastic-Encapsulate Diodes (SCHOTTKY DIODES)
BAS40W WILLAS-BAS40W Datasheet
563Kb / 5P
   150mW Plastic-Encapsulate Schottky Barrier Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com