データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM123V-05 データシート(PDF) 4 Page - Seme LAB

部品番号 LM123V-05
部品情報  3 AMP POSITIVE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEME-LAB [Seme LAB]
ホームページ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM123V-05 データシート(HTML) 4 Page - Seme LAB

  LM123V-05 Datasheet HTML 1Page - Seme LAB LM123V-05 Datasheet HTML 2Page - Seme LAB LM123V-05 Datasheet HTML 3Page - Seme LAB LM123V-05 Datasheet HTML 4Page - Seme LAB LM123V-05 Datasheet HTML 5Page - Seme LAB LM123V-05 Datasheet HTML 6Page - Seme LAB LM123V-05 Datasheet HTML 7Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IP123A SERIES
IP123A SERIES
IP323A SERIES
LM123 SERIES
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 8/95
14.85
15
15.15
14.55
15.45
45
75
10
1.5
1.5
90
56
70
50
2.5
4
105
1.5
2.5
3
4
TBA
14.4
15
15.6
14.25
15.75
75
150
14
3.0
3.0
90
50
70
46
2.5
4
105
2
4
TBA
VO
Output Voltage
∆V
O
Line Regulation
∆V
O
Load Regulation
IQ
Quiescent Current
∆I
Q
Quiescent Current
Change
VN
Output Noise
Voltage
∆V
IN
Ripple Rejection
∆V
O
ISC
Short Circuit Current
Ipk
Peak Output Current
Long Term Stability
RθJC Thermal Resistance
Junction to Case
IP123A–15
IP123–15
IP323A–15
LM123–15
Parameter
Test Conditions
Min.
Typ.
Max.
Min.
Typ.
Max. Units
V
V
mV
mV
mA
mA
mA
µVrm
dB
A
A
mV
°C/W
Notes
1) Applies over full temperature range:–
TJ = –55 to +150°C for IP123A / IP123 / LM123
TJ =
0 to +125°C for IP323A
All other specifications apply at TJ = 25°C unless otherwise stated.
2) PMAX = 30W for K–Pack (TO–3) , V–Pack (TO–218) and G–Pack (TO–257) Packages.
PMAX = 25W for T–Pack (TO–220) Package.
PMAX = 15W for SG–Pack (TO–220SM) Package.
3) All characteristics are measured with a capacitor across the input of 0.22
µF and a capacitor across the output of 0.1µF.
4) All characteristics except noise voltage and ripple rejection ratios are measured using pulse techniques (tp ≤ 10ms , δ ≤ 5%).
5) Output voltage changes due to changes into internal temperature must be taken into account separately.
ELECTRICAL CHARACTERISTICS (T
J = 25°C unless otherwise stated)
IO = 1A
VIN = 17.9V
POUT ≤ PMAX 2
VIN = 18.5V to 25V
IO = 5mA to 3A
TJ = Over Temp. Range 1
IO = 1A
VIN = 17.9V to 25V
TJ = Over Temp. Range 1
VIN = 18.5V
IO = 5mA to 3A
TJ = Over Temp. Range 1
VIN = 18.5V
IO = 5mA to 3A
TJ = Over Temp. Range 1
VIN = 18.5V
IO = 5mA to 3A
TJ = Over Temp. Range 1
IO = 1A
VIN = 17.9V to 25V
TJ = Over Temp. Range 1
f = 10Hz to 100kHz
f = 120Hz
VIN = 18.5V to 28.5V
IO = 1A
TJ = Over Temp. Range 1
VIN = 18.5V
VIN = 18.5V
K Package , V Package
G Package , T Package
SG Package


同様の部品番号 - LM123V-05

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
STMicroelectronics
LM123 STMICROELECTRONICS-LM123 Datasheet
170Kb / 9P
   THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Connor-Winfield Corpora...
LM123-155.52M CONNOR-WINFIELD-LM123-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
LightKey Optoelectronic...
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
More results

同様の説明 - LM123V-05

メーカー部品番号データシート部品情報
logo
Seme LAB
IP1R18A SEME-LAB-IP1R18A Datasheet
29Kb / 4P
   5 AMP POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
   1.5 AMP POSITIVE VOLTAGE REGULATORS
logo
Semtech Corporation
EZ55Z3L SEMTECH-EZ55Z3L Datasheet
161Kb / 6P
   0.25 AMP POSITIVE VOLTAGE REGULATORS
LAS1900 SEMTECH-LAS1900 Datasheet
356Kb / 6P
   5 AMP POSITIVE VOLTAGE REGULATORS
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com