データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI7824 データシート(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SI7824
部品情報  3-Terminal Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SI7824 データシート(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SI7824 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SI7824 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SI7824 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SI7824 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SI7824 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SI7824 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 5
-Jun-2002 Rev. A
Page 3 of 6
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
250
-1.1
1.8
_
_
_
_
_
0.5
58
2
uA
VN
_
72
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
8.73
V
RR
VIN=15V,IO=500mA,Tj=25
11.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7809 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=15V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
8.55
9
9.27
9.45
VO
(Line Regulation)
VO
(Load Regulation)
3
_
5
90
45
_
100
50
13V VIN 19V,IO=500mA
5mA IO
1A,
11.5V VIN 25V,IO=500mA,
IQ
IQ
mA
1.3
_
_
11.5V VIN 26V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
12.5V VIN 22.5V,f=120Hz,
C
o
VIN 24V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=15V,
Tj=25C
o
250mA IO 750mA,
VIN=15V,
Tj=25 C
o
VIN=15V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=15V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
250
-1.1
1.8
_
_
_
_
_
0.5
58
2
uA
VN
_
72
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
9.7
V
RR
VIN=16V,IO=500mA,Tj=25
12.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SI7810 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=16V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
9.5
10
10.3
10.5
VO
(Line Regulation)
VO
(Load Regulation)
_
100
50
_
100
50
14V VIN 20V,IO=500mA
5mA IO
1A,
13V VIN 25V,IO=500mA,
IQ
IQ
mA
1
_
_
12.5V VIN 25V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
13V VIN 23V,f=120Hz,
C
o
VIN 25V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=16V,
Tj=25C
o
250mA IO 750mA,
VIN=16V,
Tj=25 C
o
VIN=16V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=16V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
Io=1A,
C
o
Tj=25
Io=1A,
C
o
Tj=25
_
_
Elektronische Bauelemente
SI78XX
3-Terminal
Positive Voltage Regulator
≤ ≤


同様の部品番号 - SI7824

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7820DN VISHAY-SI7820DN Datasheet
79Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI7820DN VISHAY-SI7820DN Datasheet
532Kb / 12P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
SI7820DN-T1-E3 VISHAY-SI7820DN-T1-E3 Datasheet
79Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI7820DN VISHAY-SI7820DN_V01 Datasheet
532Kb / 12P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI7824

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com