データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM1117A データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SM1117A
部品情報  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM1117A データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM1117A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM1117A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM1117A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SM1117A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SM1117A
1A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
01-Jun-2011 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1117

ADJ (Gnd)
Date Code
Vout
Vin
Vout
1.5V: -15
3.3V: -33
1.8V: -18
5.0V: -50
2.5V: -25
ADJ: Blank
GS1117Y

ADJ (Gnd)
Date Code
Vout
Vin
Vout
1.5V: 15
3.3V: 33
1.8V: 18
5.0V: 50
2.5V: 25
ADJ: Blank
RoHS Compliant Product
A suffix of “-C” specifies halogen free
DESCRIPTION
The SM1117A is a low dropout at positive adjustable
or fixed-mode regulator with minimum of 1A output
current capability. The product is specifically designed
to provide well-regulated supply for low voltage IC
applications such as high-speed bus termination and
low current 3.3V logic supply. SM1117A is also well
suited for other applications such as VGA cards.
SM1117A is guaranteed to have lower than 1.4V
dropout at full load current making it ideal to provide
well-regulated outputs of 1.25 to 5.0 with 6.4V to 12V
input supply.
FEATURES
1.4Vmaximum dropout full load current
Fast transient response
Output current limiting
Built-in thermal shutdown
Good noise rejection
3-Terminal Adjustable or Fixed 1.5V, 1.8V,
2.5V, 3.3V, 5.0V
APPLICATIONS
PC peripheral
Communication
MARKING
Production A Line
Production B Line
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7’ inch
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50 TYP
C
1.40
1.60
J
3.00 TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.20


同様の部品番号 - SM1117A

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM1117A SECOS-SM1117A Datasheet
569Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results

同様の説明 - SM1117A

メーカー部品番号データシート部品情報
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com