データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5150DS データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SM5150DS
部品情報  VOLTAGE 150 V 5Amp. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5150DS データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM5150DS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5150DS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM5150DS
VOLTAGE 150 V
5Amp. Schottky Barrier Rectifiers
23-Nov.-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop
High current capability
High reliability
High surge current capability
Epitaxial construction
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL94V-0 rate flame retardant
Lead: Lead solderable per MIL-STD-202
method 208
Polarity: As Marked
Mounting position: Any
Weight: 0.7 grams
MAXIMUM RATINGS
Rating 25°C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.
PARAMETER
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
150
V
Maximum RMS Voltage
VRMS
105
V
Maximum DC Blocking Voltage
VDC
150
V
Maximum Average Forward Rectified Current
IF
5
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
120
A
Maximum Instantaneous Forward Voltage @ 5A
VF
0.87
V
TA=25°C
0.2
Maximum DC Reverse Current at Rated DC
Blocking Voltage (Note 3)
TA=100°C
IR
2
mA
Typical Junction Capacitance (Note 1)
CJ
250
pF
Voltage Rate Of Chance (Rated VR)
dv / dt
10000
V /
μs
RθJc
12
Typical Thermal Resistance (Note 2)
RθJA
95.8
°C/W
Operating & Storage Temperature
TJ ,TSTG
-55~150
°C
NOTES:
1.
Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.
Thermal Resistance , mounted 6.2mm×5.8mm Cu pad size on FR-4 board.
3.
Pulse test: 300uS pulse width, 1% duty cycle.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.8
J
2.30 REF.
B
5.20
5.50
K
0.70
0.90
C
2.20
2.40
L
0.50
0.70
D
0.43
0.58
M
0.60
0.90
E
6.40
7.35
N
1.40
1.78
F
2.40
3.00
O
0
0.15
G
5.40
5.80
P
0.43
0.58
H
0.60
1.20
TO-252(D-PACK)
A
C
D
N
O
P
G E
F
H
K
J
M
B
Pin 2
Pin 3
Pin 1


同様の部品番号 - SM5150DS

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM5150DS SECOS-SM5150DS_15 Datasheet
284Kb / 2P
   5Amp. Schottky Barrier Rectifiers
More results

同様の説明 - SM5150DS

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM5200DS SECOS-SM5200DS Datasheet
227Kb / 2P
   VOLTAGE 200 V 5Amp. Schottky Barrier Rectifiers
SM5150DS SECOS-SM5150DS_15 Datasheet
284Kb / 2P
   5Amp. Schottky Barrier Rectifiers
SM5200DS SECOS-SM5200DS_15 Datasheet
227Kb / 2P
   5Amp. Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
MBR05200J3 CYSTEKEC-MBR05200J3 Datasheet
257Kb / 7P
   5Amp. Schottky Barrier Rectifiers
MBR05100AJ3 CYSTEKEC-MBR05100AJ3 Datasheet
246Kb / 8P
   5Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM10150D SECOS-SM10150D_11 Datasheet
457Kb / 2P
   Voltage 150 V 10A Schottky Barrier Rectifiers
SBR10150 SECOS-SBR10150 Datasheet
169Kb / 2P
   VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F Datasheet
142Kb / 2P
   Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150 SECOS-MBR10150 Datasheet
134Kb / 2P
   Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
SBR30150R SECOS-SBR30150R_11 Datasheet
230Kb / 2P
   Voltage 150 V 30.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com