データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMUN5314DW データシート(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SMUN5314DW
部品情報  NPN / PNP Digital Small Signal Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMUN5314DW データシート(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMUN5314DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SMUN5314DW Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Elektronische Bauelemente
SMUN5311DW Series
NPN / PNP
Digital Small Signal Transistors
18-Dec-2009 Rev. A
Page 2 of 28
ELECTRICAL CHARACTERISTICS(TA = 25°C unless otherwise noted)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
50
-
-
V
IC=10
µA, I
E=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC =2mA, IB = 0
Collector-Base Cutoff Voltage
ICBO
-
-
100
nA
VCB=50V, IE=0
Collector-Emitter Cutoff Current
ICEO
-
-
500
nA
VCE=50V, IB=0
SMUN5311DW
-
-
0.5
SMUN5312DW
-
-
0.2
SMUN5313DW
-
-
0.1
SMUN5314DW
-
-
0.2
SMUN5315DW
-
-
0.9
SMUN5316DW
-
-
1.9
SMUN5330DW
-
-
4.3
SMUN5331DW
-
-
2.3
SMUN5332DW
-
-
1.5
SMUN5333DW
-
-
0.18
SMUN5334DW
-
-
0.13
Emitter-Base
Cutoff Current
SMUN5335DW
IEBO
-
-
0.2
mA
VEB=6V, IC=0
ON CHARACTERISTICS
3
SMUN5311DW
-
-
0.25
SMUN5312DW
-
-
0.25
SMUN5313DW
-
-
0.25
SMUN5314DW
-
-
0.25
SMUN5335DW
-
-
0.25
IC=10mA, IB=0.3mA
SMUN5330DW
-
-
0.25
SMUN5331DW
-
-
0.25
IC=10mA, IB=5mA
SMUN5315DW
-
-
0.25
SMUN5316DW
-
-
0.25
SMUN5332DW
-
-
0.25
SMUN5333DW
-
-
0.25
Collector-Emitter
Saturation Voltage
SMUN5334DW
VCE(sat)
-
-
0.25
Vdc
IC=10mA, IB=1mA
SMUN5311DW
35
60
-
SMUN5312DW
60
100
-
SMUN5313DW
80
140
-
SMUN5314DW
80
140
-
SMUN5315DW
160
350
-
SMUN5316DW
160
350
-
SMUN5330DW
3.0
5.0
-
SMUN5331DW
8.0
15
-
SMUN5332DW
15
30
-
SMUN5333DW
80
200
-
SMUN5334DW
80
150
-
DC Current Gain
SMUN5335DW
hFE
80
140
-
VCE=10V, IC=5mA
Note:
3.
Pulse test: pulse width <300
µS, duty cycle<2.0%


同様の部品番号 - SMUN5314DW

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SMUN5314DW1T1G ONSEMI-SMUN5314DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5314DW1T1G ONSEMI-SMUN5314DW1T1G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
SMUN5314DW1T1G ONSEMI-SMUN5314DW1T1G Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
More results

同様の説明 - SMUN5314DW

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Diodes Incorporated
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com