データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMUN5331DW データシート(PDF) 11 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SMUN5331DW
部品情報  NPN / PNP Digital Small Signal Transistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMUN5331DW データシート(HTML) 11 Page - SeCoS Halbleitertechnologie GmbH

Back Button SMUN5331DW Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SMUN5331DW Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH SMUN5331DW Datasheet HTML 9Page - SeCoS Halbleitertechnologie GmbH SMUN5331DW Datasheet HTML 10Page - SeCoS Halbleitertechnologie GmbH SMUN5331DW Datasheet HTML 11Page - SeCoS Halbleitertechnologie GmbH SMUN5331DW Datasheet HTML 12Page - SeCoS Halbleitertechnologie GmbH SMUN5331DW Datasheet HTML 13Page - SeCoS Halbleitertechnologie GmbH SMUN5331DW Datasheet HTML 14Page - SeCoS Halbleitertechnologie GmbH SMUN5331DW Datasheet HTML 15Page - SeCoS Halbleitertechnologie GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Elektronische Bauelemente
SMUN5311DW Series
NPN / PNP
Digital Small Signal Transistors
18-Dec-2009 Rev. A
Page 11 of 28
TYPICAL ELECTRICAL CHARACTERISTICS
SMUN5314DW NPN TRANSISTOR
10
1
0.1
010
20
30
40
50
100
10
1
02
4
68
10
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8
10
1520
25 30
3540
4550
VR, REVERSE BIAS VOL
TAGE (VOL
TS)
Figure 32. VCE(sat) versus IC
IC, COLLECT
OR CURRENT (mA)
020
40
60
80
Figure 33. DC Current Gain
1
10
100
IC, COLLECT
OR CURRENT (mA)
Figure 34. Output Capacitance
Figure 35. Output Current versus Input Voltage
Vin, INPUT VOL
TAGE (VOL
TS)
Figure 36. Input Voltage versus Output Current
IC, COLLECT
OR CURRENT (mA)
1
0.1
0.01
0.001
-25
°C
25°C
TA = 7
5
°C
VCE = 10
300
250
200
150
100
50
0
2468
15
20 40
50 60 70 80
90
f = 1 MHz
lE = 0 V
TA = 25
°C
25°C
IC/I
B = 10
TA = -
25°C
TA = 7
5
°C
25°C
-25
°C
VO = 0.2 V
TA = -
25°C
75°C
VO = 5 V
25°C
75°C
CHARACTERISTIC CURVES


同様の部品番号 - SMUN5331DW

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SMUN5330DW1T1G ONSEMI-SMUN5330DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5330DW1T1G ONSEMI-SMUN5330DW1T1G Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
July, 2014 ??Rev. 3
SMUN5335DW1T1G ONSEMI-SMUN5335DW1T1G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
SMUN5335DW1T1G ONSEMI-SMUN5335DW1T1G Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
SMUN5335DW1T2G ONSEMI-SMUN5335DW1T2G Datasheet
270Kb / 34P
   Dual Bias Resistor Transistors
March, 2014 ??Rev. 14
More results

同様の説明 - SMUN5331DW

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
   PNP and NPN Small Signal Transistor 200mW
logo
Diodes Incorporated
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
DTA123JM TSC-DTA123JM Datasheet
207Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
BCX17 ROHM-BCX17 Datasheet
53Kb / 2P
   PNP small signal transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com