データシートサーチシステム |
|
ISLA224P13IRZ データシート(PDF) 10 Page - Intersil Corporation |
|
ISLA224P13IRZ データシート(HTML) 10 Page - Intersil Corporation |
10 / 34 page ISLA224P 10 FN7570.0 May 19, 2011 Spurious-Free Dynamic Range (Note 8) SFDR fIN = 30MHz 84 86 86 dBc fIN = 105MHz 71 79 72 82 71 79 dBc fIN = 190MHz 75 77 76 dBc fIN = 363MHz 73 75 79 dBc fIN = 461MHz 69 71 70 dBc fIN = 605MHz 67 64 62 dBc Spurious-Free Dynamic Range Excluding H2, H3 (Note 8) SFDRX23 fIN = 30MHz 88 95 99 dBc fIN = 105MHz 91 93 96 dBc fIN = 190MHz 88 91 92 dBc fIN = 363MHz 86 85 89 dBc fIN = 461MHz 88 82 87 dBc fIN = 605MHz 87 81 83 dBc Intermodulation Distortion IMD fIN = 70MHz 87 87 86 dBFS fIN = 170MHz 96 102 100 dBFS Channel to Channel Isolation fIN = 10MHz 105 100 90 dBFS fIN = 121MHz 100 93 90 dBFS Word Error Rate WER 10-12 10-12 10-12 Full Power Bandwidth FPBW 700 700 700 MHz NOTES: 5. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design. 6. Digital Supply Current is dependent upon the capacitive loading of the digital outputs. IOVDD specifications apply for 10pF load on each digital output. 7. The DLL Range setting must be changed for low-speed operation. 8. Minimum specification guaranteed when calibrated at +85°C. Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V, OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued) PARAMETER SYMBOL CONDITIONS ISLA224P25 ISLA224P20 ISLA224P13 UNITS MIN (Note 5) TYP MAX (Note 5) MIN (Note 5) TYP MAX (Note 5) MIN (Note 5) TYP MAX (Note 5) Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. PARAMETER SYMBOL CONDITIONS MIN (Note 5) TYP MAX (Note 5) UNITS INPUTS Input Current High (RESETN) IIH VIN = 1.8V 0 1 10 µA Input Current Low (RESETN) IIL VIN = 0V -25 -12 -7 µA Input Current High (SDIO) IIH VIN = 1.8V 4 12 µA Input Current Low (SDIO) IIL VIN = 0V -600 -415 -300 µA Input Voltage High (SDIO, RESETN) VIH 1.17 V Input Voltage Low (SDIO, RESETN) VIL 0.63 V Input Current High (CLKDIV) (Note 9) IIH 16 25 34 µA Input Current Low (CLKDIV) IIL -34 -25 -16 µA Input Capacitance CDI 3pF |
同様の部品番号 - ISLA224P13IRZ |
|
同様の説明 - ISLA224P13IRZ |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |