データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA224P20IRZ データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISLA224P20IRZ
部品情報  Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224P20IRZ データシート(HTML) 1 Page - Intersil Corporation

  ISLA224P20IRZ Datasheet HTML 1Page - Intersil Corporation ISLA224P20IRZ Datasheet HTML 2Page - Intersil Corporation ISLA224P20IRZ Datasheet HTML 3Page - Intersil Corporation ISLA224P20IRZ Datasheet HTML 4Page - Intersil Corporation ISLA224P20IRZ Datasheet HTML 5Page - Intersil Corporation ISLA224P20IRZ Datasheet HTML 6Page - Intersil Corporation ISLA224P20IRZ Datasheet HTML 7Page - Intersil Corporation ISLA224P20IRZ Datasheet HTML 8Page - Intersil Corporation ISLA224P20IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) and FemtoCharge are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA224P
The ISLA224P is a family of dual-channel 14-Bit analog-to-digital
converters. Designed with Intersil’s proprietary FemtoCharge™
technology on a standard CMOS process, the family supports
sampling rates of up to 250MSPS. The ISLA224P is part of a
pin-compatible portfolio of 12-bit and 14-bit dual-channel A/Ds
with maximum sample rates ranging from 130MSPS to
250MSPS.
A serial peripheral interface (SPI) port allows for extensive
configurability, as well as fine control of various parameters such
as gain and offset.
Digital output data is presented in selectable LVDS or CMOS
formats. The ISLA224P is available in a 72-contact QFN package
with an exposed paddle. Operating from a 1.8V supply,
performance is specified over the full industrial temperature
range (-40°C to +85°C).
Key Specifications
• SNR @ 250/200/130MSPS
72.7/73.9/74.7dBFS fIN = 30MHz
70.2/70.7/70.2dBFS fIN = 363MHz
• SFDR @ 250/200/130MSPS
84/86/86dBc fIN = 30MHz
73/75/79dBc fIN = 363MHz
• Total Power Consumption = 837mW @ 250MSPS
Features
• Single Supply 1.8V Operation
• Clock Duty Cycle Stabilizer
• 75fs Clock Jitter
• 700 MHz Bandwidth
• Programmable Built-in Test Patterns
•Multi-ADC Support
- SPI Programmable Fine Gain and Offset Control
- Support for Multiple ADC Synchronization
- Optimized Output Timing
• Nap and Sleep Modes
- 200µs Sleep Wake-up Time
• Data Output Clock
• DDR LVDS-Compatible or LVCMOS Outputs
• User-accessible Digital Temperature Monitor
Applications
• Radar Array Processing
• Software Defined Radios
• Broadband Communications
• High-Performance Data Acquisition
• Communications Test Equipment
DIGITAL
ERROR
CORRECTION
SHA
1.25V
VINBP
VINBN
14-BIT
250 MSPS
ADC
CLOCK
MANAGEMENT
SHA
14-BIT
250 MSPS
ADC
CLKP
CLKN
SPI
CONTROL
VREF
CLKOUTP
CLKOUTN
D[13:0]P
D[13:0]N
ORP
ORN
OUTFMT
OUTMODE
+
VCM
VREF
VINAN
VINAP
+
-
Pin-Compatible Family
MODEL
RESOLUTION
SPEED
(MSPS)
ISLA224P25
14
250
ISLA224P20
14
200
ISLA224P13
14
130
ISLA222P25
12
250
ISLA222P20
12
200
ISLA222P13
12
130
May 19, 2011
FN7570.0


同様の部品番号 - ISLA224P20IRZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISLA224P20IRZ RENESAS-ISLA224P20IRZ Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
More results

同様の説明 - ISLA224P20IRZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com