データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28118M データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL28118M
部品情報  40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28118M データシート(HTML) 2 Page - Intersil Corporation

  ISL28118M Datasheet HTML 1Page - Intersil Corporation ISL28118M Datasheet HTML 2Page - Intersil Corporation ISL28118M Datasheet HTML 3Page - Intersil Corporation ISL28118M Datasheet HTML 4Page - Intersil Corporation ISL28118M Datasheet HTML 5Page - Intersil Corporation ISL28118M Datasheet HTML 6Page - Intersil Corporation ISL28118M Datasheet HTML 7Page - Intersil Corporation ISL28118M Datasheet HTML 8Page - Intersil Corporation ISL28118M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ISL28118M
2
FN7858.0
May 11, 2011
ISL28118M
(8 LD MSOP)
TOP VIEW
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
NC
V+
VOUT
NC
+
-
Pin Descriptions
ISL28118M
(8 LD MSOP)
PIN
NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
3
+IN
1
Amplifier A non-inverting input
2
-IN
1
Amplifier A inverting input
6
VOUT
2
Amplifier A output
4
V-
3
Negative power supply
7V+
3
Positive power supply
1, 5, 8
NC
-
No Connect
V+
V-
OUT
CIRCUIT 2
CIRCUIT 1
V+
V-
CIRCUIT 3
IN-
V+
V-
IN+
CAPACITIVELY
TRIGGERED ESD
CLAMP
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
TEMPERATURE RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28118MUZ
8118M
-55 to +125
8 Ld MSOP
M8.118
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information pages for ISL28118M. For more information on MSL, please see Technical Brief
TB363.


同様の部品番号 - ISL28118M

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28118M RENESAS-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118M INTERSIL-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
logo
Renesas Technology Corp
ISL28118MUZ RENESAS-ISL28118MUZ Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118MUZ INTERSIL-ISL28118MUZ Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
ISL28118M INTERSIL-ISL28118M_14 Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
More results

同様の説明 - ISL28118M

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28118M RENESAS-ISL28118M Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
logo
Intersil Corporation
ISL28118M INTERSIL-ISL28118M_14 Datasheet
1Mb / 23P
   40V Extended Temperature Range, Precision Single-Supply, Rail-to-Rail Output, Operational Amplifier
March 7, 2014
ISL28118 INTERSIL-ISL28118_11 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
   40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
   40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
   40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com