データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23425UFRUZ-T7A データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL23425UFRUZ-T7A
部品情報  Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23425UFRUZ-T7A データシート(HTML) 3 Page - Intersil Corporation

  ISL23425UFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23425UFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23425UFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23425UFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23425UFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23425UFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23425UFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23425UFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23425UFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ISL23425
3
FN7873.0
June 20, 2011
Ordering Information
PART NUMBER
(Note 5)
PART
MARKING
RESISTANCE
OPTION
(kΩ)
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL23425TFVZ (Notes 1, 3)
23425 TFVZ
100
-40 to +125
14 Ld TSSOP
M14.173
ISL23425UFVZ (Notes 1, 3)
23425 UFVZ
50
-40 to +125
14 Ld TSSOP
M14.173
23425WFVZ (Notes 1, 3)
23425 WFVZ
10
-40 to +125
14 Ld TSSOP
M14.173
ISL23425TFRUZ-T7A (Notes 2, 4)
GBJ
100
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
ISL23425TFRUZ-TK (Notes 2, 4)
GBJ
100
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
ISL23425UFRUZ-T7A (Notes 2, 4)
GBH
50
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
ISL23425UFRUZ-TK (Notes 2, 4)
GBH
50
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
ISL23425WFRUZ-T7A (Notes 2, 4)
GBG
10
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
ISL23425WFRUZ-TK (Notes 2, 4)
GBG
10
-40 to +125
16 Ld 2.6x1.8 µTQFN
L16.2.6x1.8A
NOTES:
1. Add “-TK” suffix for 1k unit or “-T7A” suffix for 250 unit Tape and Reel options. Please refer to TB347 for details on reel specifications.
2. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020
5. For Moisture Sensitivity Level (MSL), please see device information page for ISL23425. For more information on MSL please see techbrief TB363.


同様の部品番号 - ISL23425UFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL23425UFRUZ-T7A RENESAS-ISL23425UFRUZ-T7A Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

同様の説明 - ISL23425UFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325TFVZ INTERSIL-ISL23325TFVZ Datasheet
757Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425TFVZ INTERSIL-ISL23425TFVZ Datasheet
748Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Contro Potentiometer (XDCP??
September 11, 2015
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com