データシートサーチシステム |
|
SDC1205-220MF データシート(PDF) 3 Page - Superworld Electronics |
|
SDC1205-220MF データシート(HTML) 3 Page - Superworld Electronics |
3 / 4 page NOTE : Specifications subject to change without notice. Please check our website for latest information. SUPERWORLD ELECTRONICS (S) PTE LTD PG. 3 17.09.2009 SMD POWER INDUCTORS SDC1205 SERIES 6. RELIABILITY AND TEST CONDITIONS : 4±1 seconds Dip Time : 4±1sec. 245°C Pre-heating 90~120s 5s max. 180°C 150°C 260°C 230°C 30s max. Natural cooling Appearance : Cracking, chipping & any other Natural 1. Appearance : No damage Random Vibration Test defects harmful to the characteristics should not be allowed. Humidity Resistance 2. Inductance : Within ±20% of initial value. 1. Appearance : No damage 2. Inductance : Within ±20% of initial value. 10±0.5 seconds Thermal Shock High Temperature Life Test Reliability Test 150°C 60 seconds Solder Heat Resistance 1. Appearance : No significant abnormality 2. Inductance change : Within ±20% 260°C Dipping Preheating cooling 150°C 60 seconds Applied Current : Rated Current Directions & times : X, Y, Z directions for 2 hours. A period of 2 hours in each of 3 mutually perpendicular directions (Total 6 hours). Amplitude : 1.52mm Frequency : 10-55-10Hz for 1 min. Time : 500 hours Times (min.) 15 4 Room Temperature Total : 50 cycles Temperature : 40±2°C Humidity : 90% to 95% Room Temperature Temperature (°C) 2 3 Step 1 15 +85±2 30±3 -25±2 30±3 Applied current : rated current Conditions of 1 cycle. Temperature : 85±2°C Time : 500 hours Preheat : 150°C, 60sec. Dip Time : 10±0.5sec. Solder Temperature : 260±5°C Flux for lead free : rosin Solder : Sn-Ag3.0-Cu0.5 Mechanical Performance Test Solderability Test ITEM More than 90% of the terminal electrode should be covered with solder. Dipping Preheating Natural cooling PERFORMANCE Preheat : 150°C, 60sec. Solder : Sn-Ag3.0-Cu0.5 Solder Temperature : 245±5°C Flux for lead free : rosin TEST CONDITION |
同様の部品番号 - SDC1205-220MF |
|
同様の説明 - SDC1205-220MF |