データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMC4S005 データシート(PDF) 9 Page - Thinking Electronic Industrial Co.,Ltd

部品番号 KMC4S005
部品情報  Polymer PTC Resettable Fuse
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINKING [Thinking Electronic Industrial Co.,Ltd]
ホームページ  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KMC4S005 データシート(HTML) 9 Page - Thinking Electronic Industrial Co.,Ltd

Back Button KMC4S005 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd KMC4S005 Datasheet HTML 13Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Polymer PTC Resettable Fuse:
:KMC Series
SMD Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
9
www.thinking.com.tw
2009.12
All specifications are subject to change without notice.
Thermal Derating Chart –Ihold / Itrip (Amps)
Ambient Operation Temperature
Model
-40℃
-20℃
0℃
23℃
40℃
50℃
60℃
70℃
85℃
KMC4S005
0.08
0.07
0.06
0.05
0.04
0.04
0.03
0.03
0.02
KMC4S010
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.03
KMC4S020
0.29
0.26
0.22
0.20
0.16
0.14
0.13
0.11
0.08
KMC4S035
0.47
0.45
0.4
0.35
0.33
0.28
0.24
0.21
0.18
KMC4S050
0.76
0.67
0.58
0.50
0.43
0.40
0.36
0.32
0.28
KMC4S075
1.00
0.97
0.86
0.75
0.64
0.59
0.54
0.48
0.40
KMC4S110
1.69
1.48
1.29
1.10
0.88
0.76
0.65
0.57
0.43
KMC4S150
2.13
1.92
1.71
1.50
1.26
1.14
1.01
0.89
0.71
KMC4S175
2.80
2.45
2.10
1.70
1.55
1.45
1.35
1.25
1.10
1210 Series
Temperature (℃)


同様の部品番号 - KMC4S005

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KMC-21 ETC2-KMC-21 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC-45 ETC2-KMC-45 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
logo
United Chemi-Con, Inc.
KMC101E104M31N0T00 CHEMI-CON-KMC101E104M31N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC101E105M43N0T00 CHEMI-CON-KMC101E105M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

同様の説明 - KMC4S005

メーカー部品番号データシート部品情報
logo
Thinking Electronic Ind...
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
   Polymer PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
   Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
   Resettable Fuse PTC
JK6075 HUAXINAN-JK6075 Datasheet
284Kb / 2P
   Resettable Fuse PTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com