データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW31 データシート(PDF) 1 Page - KEC(Korea Electronics)

部品番号 BCW31
部品情報  EPITAXIAL PLANAR NPN TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

BCW31 データシート(HTML) 1 Page - KEC(Korea Electronics)

  BCW31_02 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2002. 6. 18
1/1
SEMICONDUCTOR
TECHNICAL DATA
BCW31/32
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.
FEATURES
・Complementary to BCW29/30.
MAXIMUM RATING (Ta=25℃)
DIM
MILLIMETERS
1. EMITTER
2. BASE
3. COLLECTOR
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
L
L
P
P
P
7
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
* : Package Mounted On 99.9% Alumina 10×8×0.6mm.
Marking
Lot No.
D1
Type Name
Lot No.
D2
Type Name
BCW31
BCW32
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=10μA
30
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=2mA
20
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10μA
5
-
-
V
Collector Cut-off Current
ICBO
VCB=30V
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=5V
-
-
100
nA
DC Current Gain
BCW31
hFE
VCE=5V, IC=2mA
110
-
220
BCW32
200
-
450
Collector-Emitter Saturation Voltage
VCE(sat)
IC=10mA, IB=0.5mA
-
-
0.25
V
Base-Emitter On Voltage
VBE(ON)
VCE=5V, IC=2mA
0.55
-
0.7
V
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
-
4
pF
Noise Figure
NF
VCE=5V, IC=0.2mA
RS=2kΩ, f=1kHz
-
-
10
dB


同様の部品番号 - BCW31_02

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW31 FAIRCHILD-BCW31_02 Datasheet
87Kb / 5P
   NPN General Purpose Amplifier
More results

同様の説明 - BCW31_02

メーカー部品番号データシート部品情報
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com