データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK15C88-NF25I データシート(PDF) 9 Page - Cypress Semiconductor

部品番号 STK15C88-NF25I
部品情報  256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-NF25I データシート(HTML) 9 Page - Cypress Semiconductor

Back Button STK15C88-NF25I Datasheet HTML 5Page - Cypress Semiconductor STK15C88-NF25I Datasheet HTML 6Page - Cypress Semiconductor STK15C88-NF25I Datasheet HTML 7Page - Cypress Semiconductor STK15C88-NF25I Datasheet HTML 8Page - Cypress Semiconductor STK15C88-NF25I Datasheet HTML 9Page - Cypress Semiconductor STK15C88-NF25I Datasheet HTML 10Page - Cypress Semiconductor STK15C88-NF25I Datasheet HTML 11Page - Cypress Semiconductor STK15C88-NF25I Datasheet HTML 12Page - Cypress Semiconductor STK15C88-NF25I Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STK15C88
Document Number: 001-50593 Rev. *C
Page 9 of 17
AC Switching Characteristics
SRAM Read Cycle
Parameter
Description
25 ns
45 ns
Unit
Min
Max
Min
Max
Cypress
Parameter
Alt
tACE
tELQV
Chip Enable Access Time
25
45
ns
tRC
[5]
tAVAV, tELEH
Read Cycle Time
25
45
ns
tAA
[6]
tAVQV
Address Access Time
25
45
ns
tDOE
tGLQV
Output Enable to Data Valid
10
20
ns
tOHA
[6]
tAXQX
Output Hold After Address Change
5
5
ns
tLZCE
[7]
tELQX
Chip Enable to Output Active
5
5
ns
tHZCE
[7]
tEHQZ
Chip Disable to Output Inactive
10
15
ns
tLZOE
[7]
tGLQX
Output Enable to Output Active
0
0
ns
tHZOE
[7]
tGHQZ
Output Disable to Output Inactive
10
15
ns
tPU
[4]
tELICCH
Chip Enable to Power Active
0
0
ns
tPD
[4]
tEHICCL
Chip Disable to Power Standby
25
45
ns
Switching Waveforms
Figure 5. SRAM Read Cycle 1: Address Controlled [5, 7]
Figure 6. SRAM Read Cycle 2: CE and OE Controlled [5]
Notes
5. WE must be HIGH during SRAM Read Cycles and LOW during SRAM WRITE cycles.
6. I/O state assumes CE and OE < VIL and WE > VIH; device is continuously selected.
7. Measured ±200 mV from steady state output voltage.
[+] Feedback


同様の部品番号 - STK15C88-NF25I

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK15C88-NF25I SIMTEK-STK15C88-NF25I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF25I CYPRESS-STK15C88-NF25I Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
logo
Simtek Corporation
STK15C88-NF25ITR SIMTEK-STK15C88-NF25ITR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF25ITR CYPRESS-STK15C88-NF25ITR Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results

同様の説明 - STK15C88-NF25I

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com