データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK14C88-NF45TR データシート(PDF) 4 Page - Cypress Semiconductor

部品番号 STK14C88-NF45TR
部品情報  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-NF45TR データシート(HTML) 4 Page - Cypress Semiconductor

  STK14C88-NF45TR Datasheet HTML 1Page - Cypress Semiconductor STK14C88-NF45TR Datasheet HTML 2Page - Cypress Semiconductor STK14C88-NF45TR Datasheet HTML 3Page - Cypress Semiconductor STK14C88-NF45TR Datasheet HTML 4Page - Cypress Semiconductor STK14C88-NF45TR Datasheet HTML 5Page - Cypress Semiconductor STK14C88-NF45TR Datasheet HTML 6Page - Cypress Semiconductor STK14C88-NF45TR Datasheet HTML 7Page - Cypress Semiconductor STK14C88-NF45TR Datasheet HTML 8Page - Cypress Semiconductor STK14C88-NF45TR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 4 of 20
Absolute Maximum Ratings
Voltage on Input Relative to Ground...............–0.5 V to 7.0 V
Voltage on Input Relative to V
SS .........–0.6 V to (V
CC + 0.5 V)
Voltage on DQ
0-7 or HSB ....................–0.5 V to (V
CC + 0.5 V)
Temperature under Bias ............................. –55
C to 125 C
Storage Temperature .................................. –65
C to 150 C
Power Dissipation ............................................................ 1 W
DC Output Current (1 output at a time, 1s duration).... 15 mA
Note Stresses greater than those listed under “Absolute
Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only, and functional operation of the device
at conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
DC Characteristics
Over the operating range (VCC = 5.0 V ± 10%)
[4]
Symbol
Parameter
Commercial
Industrial/
Military
Unit
Notes
Min
Max
Min
Max
ICC1[1]
Average VCC Current
97
80
70
100
85
70
mA
mA
mA
tAVAV = 25 ns
tAVAV = 35 ns
tAVAV = 45 ns
ICC2[2]
Average VCC Current during
STORE
3
3
mA
All Inputs Don’t Care, VCC =
max
ICC3
[1]
Average VCC Current at tAVAV =
200 ns
5V, 25°C, Typical
–10
10
mA
W
 (V
CC– 0.2V)
All Others Cycling, CMOS
Levels
ICC4
[2]
Average VCAP Current during
AutoStore Cycle
2
2
mA
All Inputs Don’t Care
ISB1[3]
Average VCC Current
(Standby, Cycling TTL Input
Levels)
–30
25
22
–31
26
23
mA
mA
mA
tAVAV = 25 ns, E  VIH
tAVAV = 35 ns, E  VIH
tAVAV = 45 ns, E  VIH
ISB2[3]
VCC Standby Current
(Standby, Stable CMOS Input
Levels)
–1.5
1.5
mA
E
 (V
CC – 0.2V)
All Others VIN  0.2V or  (VCC
– 0.2V)
IILK
Input Leakage Current
1–
1
AV
CC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
5–
5
AV
CC = max
VIN = VSS to VCC, E or G VIH
VIH
Input Logic “1” Voltage
2.2
VCC + 0.5
2.2
VCC +0.5
V
All Inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 4 mA except HSB
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 8 mA except HSB
VBL
Logic “0” Voltage on HSB Output
0.4
0.4
V
IOUT = 3 mA
TA
Operating Temperature
0
70
- 40/-55
85/125
C
Notes
1. ICC1 and ICC3 are dependent on output loading and cycle rate. The specified values are obtained with outputs unloaded.
2. ICC2 and ICC4 are the average currents required for the duration of the respective STORE cycles (tSTORE).
3. E
 V
IH does not produce standby current levels until any nonvolatile cycle in progress has timed out.
4. VCC reference levels throughout this data sheet refer to VCC if that is where the power supply connection is made, or VCAP if VCC is connected to ground.
[+] Feedback


同様の部品番号 - STK14C88-NF45TR

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK14C88-NF45TR SIMTEK-STK14C88-NF45TR Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF45TR SIMTEK-STK14C88-NF45TR Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

同様の説明 - STK14C88-NF45TR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com