データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK14C88-NF45ITR データシート(PDF) 3 Page - Cypress Semiconductor

部品番号 STK14C88-NF45ITR
部品情報  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-NF45ITR データシート(HTML) 3 Page - Cypress Semiconductor

  STK14C88-NF45ITR Datasheet HTML 1Page - Cypress Semiconductor STK14C88-NF45ITR Datasheet HTML 2Page - Cypress Semiconductor STK14C88-NF45ITR Datasheet HTML 3Page - Cypress Semiconductor STK14C88-NF45ITR Datasheet HTML 4Page - Cypress Semiconductor STK14C88-NF45ITR Datasheet HTML 5Page - Cypress Semiconductor STK14C88-NF45ITR Datasheet HTML 6Page - Cypress Semiconductor STK14C88-NF45ITR Datasheet HTML 7Page - Cypress Semiconductor STK14C88-NF45ITR Datasheet HTML 8Page - Cypress Semiconductor STK14C88-NF45ITR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 3 of 20
Pin Configurations
Figure 1. Pin Diagram - 32-Pin 300 Mil SOIC/CDIP
Figure 2. Pin Diagram - 32-Pin 450 Mil LCC
A14
A12
A7
A6
DQ0
DQ1
DQ2
A3
A2
A1
VCAP
A13
A8
A9
A11
A10
DQ7
DQ6
VSS
A0
NC
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
E
A5
NC
A4
32
31
30
29
VCC
HSB
W
DQ5
DQ3
DQ4
G
(TOP)
A6
A3
A5
A4
DQ0
A2
A1
A0
A10
DQ7
A8
A9
A11
NC
NC
A13
E
G
(TOP)
Pin Descriptions
Pin Name
I/O
Description
A14-A0
Input
Address: The 15 address inputs select one of 32,768 bytes in the nvSRAM array.
DQ7-DQ0
I/O
Data: Bi-directional 8-bit data bus for accessing the nvSRAM.
E
Input
Chip Enable: The active low E input selects the device.
W
Input
Write Enable: The active low W enables data on the DQ pins to be written to the address
location latched by the falling edge of E.
G
Input
Output Enable: The active low G input enables the data output buffers during read cycles.
De-asserting G high caused the DQ pins to tristate.
VCC
Power Supply Power: 5.0V, +10%.
HSB
I/O
Hardware Store Busy: When low this output indicates a Store is in progress. When pulled low
external to the chip, it initiates a nonvolatile STORE operation. A weak pull up resistor keeps
this pin high if not connected. (optional connection).
VCAP
Power Supply AutoStore Capacitor: Supplies power to nvSRAM during power loss to store data from SRAM
to nonvolatile storage elements.
VSS
Power Supply Ground.
NC
No Connect
Unlabeled pins have no internal connections.
[+] Feedback


同様の部品番号 - STK14C88-NF45ITR

メーカー部品番号データシート部品情報
logo
Simtek Corporation
STK14C88-NF45ITR SIMTEK-STK14C88-NF45ITR Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-NF45ITR SIMTEK-STK14C88-NF45ITR Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

同様の説明 - STK14C88-NF45ITR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com