データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2892-01R データシート(PDF) 1 Page - Fuji Electric

部品番号 2SK2892-01R
部品情報  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJI [Fuji Electric]
ホームページ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2892-01R データシート(HTML) 1 Page - Fuji Electric

  2SK2892-01R Datasheet HTML 1Page - Fuji Electric 2SK2892-01R Datasheet HTML 2Page - Fuji Electric 2SK2892-01R Datasheet HTML 3Page - Fuji Electric 2SK2892-01R Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Item
Symbol
Rating
Unit
Remarks
Drain-source voltage
VDS
30
Continuous drain current
ID
±90
Pulsed drain current
ID[puls]
±360
Gate-source peak voltage
VGS
±16
Maximum avalanche energy
EAV
1728.5
Maximum power dissipation
PD
100
Operating and storage
Tch
+150
temperature range
Tstg
2SK2892-01R FUJIPOWERMOSFET
N-CHANNEL SILICON POWER MOSFET
Equivalent circuit schematic
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25°C unless otherwise specified)
V
A
A
V
mJ
W
°C
°C
-55 to +150
FAP-IIIB SERIES
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermal characteristics
Item
Symbol
Zero gate voltage drain current
IDSS
Min.
Typ.
Max.
Units
V
V
µA
mA
nA
m
m
S
pF
ns
A
V
ns
µC
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
Rth(ch-a)
1.25
30.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
IAV
VSD
trr
Qrr
Test Conditions
ID=1mA
VGS=0V
ID=1mA
VDS=VGS
VDS=30V
VGS=0V
Tch=25°C
Tch=125°C
VGS=±16V VDS=0V
ID=50A
VGS=10V
ID=50A
VDS=25V
VDS=25V
VGS=0V
f=1MHz
VCC=15V RG=10
ID=100A
VGS=10V
L=100
µH
Tch=25°C
IF=50A VGS=0V Tch=25°C
IF=50A
-di/dt=100A/
µs Tch=25°C
30
1.0
1.5
2.0
10
500
0.2
1.0
10
100
7.0
9.5
4.4
5.5
35
70
3900
5850
2000
3000
850
1280
17
30
70
110
250
380
180
270
90
1.0
1.5
65
0.12
Gate(G)
Source(S)
Drain(D)
Features
High speed switching
Low on-resistance
No secondary breakdown
Low driving power
High voltage
Avalanche-proof
Applications
Switching regulators
DC-DC converters
General purpose power amplifier
www.fujielectric.co.jp/fdt/scd
*1 L=0.285mH, Vcc=12V
Item
Drain-source breakdown voltage
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transconductance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time
Turn-off time
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
*1
Outline Drawings
TO-3PF
VGS=4V
VGS=10V
[200509]


同様の部品番号 - 2SK2892-01R

メーカー部品番号データシート部品情報
logo
Fuji Electric
2SK2892-01R FUJI-2SK2892-01R Datasheet
241Kb / 3P
   N-channel MOS-FET
logo
Inchange Semiconductor ...
2SK2892-01R ISC-2SK2892-01R Datasheet
291Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK2892-01R

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com