データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7291 データシート(PDF) 3 Page - Analog Devices

部品番号 AD7291
部品情報  8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7291 データシート(HTML) 3 Page - Analog Devices

  AD7291 Datasheet HTML 1Page - Analog Devices AD7291 Datasheet HTML 2Page - Analog Devices AD7291 Datasheet HTML 3Page - Analog Devices AD7291 Datasheet HTML 4Page - Analog Devices AD7291 Datasheet HTML 5Page - Analog Devices AD7291 Datasheet HTML 6Page - Analog Devices AD7291 Datasheet HTML 7Page - Analog Devices AD7291 Datasheet HTML 8Page - Analog Devices AD7291 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7291
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 2.8 V to 3.6 V; VDRIVE = 1.65 V to 3.6 V; fSCL = 400 kHz, fast SCLK mode; VREF = 2.5 V internal/external; TA = −40°C to +125°C,
unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
1F
1
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 1 kHz sine wave
Signal-to-Noise Ratio (SNR)2
70
71
dB
Signal-to-Noise (+ Distortion) Ratio (SINAD)2
70
71
dB
Total Harmonic Distortion (THD)2
−84
−78
dB
Spurious-Free Dynamic Range (SFDR)
−85
−80
dB
Intermodulation Distortion (IMD)
fA = 5.4 kHz, fB = 4.6 kHz
Second-Order Terms
−88
dB
Third-Order Terms
−88
dB
Channel-to-Channel Isolation
−100
dB
fIN = 10 kHz
Full Power Bandwidth3
30
MHz
At 3 dB
10
MHz
At 0.1 dB
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)2
±0.5
±1
LSB
Differential Nonlinearity (DNL)2
±0.5
±0.99
LSB
Guaranteed no missed codes to 12 bits
Offset Error2
±2
±4.5
LSB
Offset Error Matching2
±2.5
±4.5
LSB
Offset Temperature Drift
4
ppm/°C
Gain Error2
±1
±4
LSB
Gain Error Matching2
±1
±2.5
LSB
Gain Temperature Drift
0.5
ppm/°C
ANALOG INPUT
Input Voltage Ranges
0
VREF
V
DC Leakage Current
±0.01
±1
μA
Input Capacitance3
34
pF
When in track
8
pF
When in hold
REFERENCE INPUT/OUTPUT
Reference Output Voltage4
2.4925
2.5
2.5075
V
±0.3% maximum at 25°C
Long-Term Stability
150
ppm
For 1000 hours
Output Voltage Hysteresis
50
ppm
Reference Input Voltage Range5
1
2.5
V
DC Leakage Current
±0.01
±1
μA
External reference applied to Pin VREF
VREF Output Impedance
1
Ω
Reference Temperature Coefficient
12
35
ppm/°C
VREF Noise3
60
μV rms
Bandwidth = 10 MHz
LOGIC INPUTS (SDA, SCL)
Input High Voltage, VINH
0.7 × VDRIVE
V
Input Low Voltage, VINL
0.3 × VDRIVE
V
Input Current, IIN
±0.01
±1
μA
VIN = 0 V or VDRIVE
Input Capacitance, CIN3
6
pF
Input Hysteresis, VHYST
0.1 × VDRIVE
V


同様の部品番号 - AD7291

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291 AD-AD7291 Datasheet
572Kb / 29P
   Temperature Sensor
AD7291BCPZ AD-AD7291BCPZ Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7291BCPZ AD-AD7291BCPZ Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291BCPZ AD-AD7291BCPZ Datasheet
572Kb / 29P
   Temperature Sensor
More results

同様の説明 - AD7291

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
AD7291 AD-AD7291 Datasheet
436Kb / 21P
   8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
   12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
[Old version datasheet]   ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com