データシートサーチシステム |
|
KF5N60D データシート(PDF) 2 Page - KEC(Korea Electronics) |
|
KF5N60D データシート(HTML) 2 Page - KEC(Korea Electronics) |
2 / 6 page 2011. 1. 26 2/6 KF5N60D/I Revision No : 0 ELECTRICAL CHARACTERISTICS (Tc=25 ℃) Note 1) Repetivity rating : Pulse width limited by junction temperature. Note 2) L=12.7mH, IS=4.5A, VDD=50V, RG=25Ω, Starting Tj=25℃. Note 3) IS≤4.5A, dI/dt≤100A/㎲, VDD≤BVDSS, Starting Tj=25℃. Note 4) Pulse Test : Pulse width ≤300㎲, Duty Cycle≤2%. Note 5) Essentially independent of operating temperature. 2 PRODUCT NAME LOT NO 1 001 2 KF5N60 D 1 2 1 001 KF5N60 I Marking CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Static Drain-Source Breakdown Voltage BVDSS ID=250㎂ , VGS=0V 600 - - V Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTj ID=250㎂, Referenced to 25℃ - 0.61 - V/ ℃ Drain Cut-off Current IDSS VDS=600V, VGS=0V, - - 10 ㎂ Gate Threshold Voltage Vth VDS=VGS, ID=250㎂ 2.5 - 4.5 V Gate Leakage Current IGSS VGS=±30V, VDS=0V - - ±100 nA Drain-Source ON Resistance RDS(ON) VGS=10V, ID=1.75A - 1.7 2.0 Ω Dynamic Total Gate Charge Qg VDS=480V, ID=4.5A VGS=10V (Note4,5) - 11 - nC Gate-Source Charge Qgs - 2.8 - Gate-Drain Charge Qgd - 45 - Turn-on Delay time td(on) VDD=300V ID=4.5A RG=25Ω (Note4,5) - 15 - ns Turn-on Rise time tr - 16 - Turn-off Delay time td(off) - 30 - Turn-off Fall time tf - 15 - Input Capacitance Ciss VDS=25V, VGS=0V, f=1.0MHz - 520 - pF Output Capacitance Coss - 60 - Reverse Transfer Capacitance Crss - 5.5 - Source-Drain Diode Ratings Continuous Source Current IS VGS<Vth - - 4.5 A Pulsed Source Current ISP - - 18 Diode Forward Voltage VSD IS=3.5A, VGS=0V - - 1.4 V Reverse Recovery Time trr IS=4.5A, VGS=0V, dIs/dt=100A/ ㎲ - 270 - ns Reverse Recovery Charge Qrr - 1.8 - μC |
同様の部品番号 - KF5N60D |
|
同様の説明 - KF5N60D |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |