データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE12S0A0V06PNFA データシート(PDF) 4 Page - Delta Electronics, Inc.

部品番号 NE12S0A0V06PNFA
部品情報  Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DELTA [Delta Electronics, Inc.]
ホームページ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NE12S0A0V06PNFA データシート(HTML) 4 Page - Delta Electronics, Inc.

  NE12S0A0V06PNFA_08 Datasheet HTML 1Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 2Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 3Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 4Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 5Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 6Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 7Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 8Page - Delta Electronics, Inc. NE12S0A0V06PNFA_08 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS_NE12S06A_10032008
4
ELECTRICAL CHARACTERISTICS CURVES (CON.)
Figure 7:
Output ripple & noise at 12Vin, 0.59V/6A out
Figure 8:
Output ripple & noise at 12Vin, 0.9V/6A out
Figure 9:
Output ripple & noise at 12Vin, 1.8V/6A out
Figure 10:
Output ripple & noise at 12Vin, 2.5V/6A out
Figure 11:
Output ripple & noise at 12Vin, 3.3V/6A out
Figure 12:
Output ripple & noise at 12Vin, 5.0V/6A out


同様の部品番号 - NE12S0A0V06PNFA_08

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
More results

同様の説明 - NE12S0A0V06PNFA_08

メーカー部品番号データシート部品情報
logo
Delta Electronics, Inc.
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_09 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA Datasheet
599Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 6Aout
NE12S0A0V03PNFA DELTA-NE12S0A0V03PNFA Datasheet
1Mb / 13P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.1~13.8Vin, 0.59V-5.1Vout, 3Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA Datasheet
607Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V10PNFA DELTA-NE12S0A0V10PNFA_13 Datasheet
645Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 3.0~13.8Vin, 0.59V-5.1Vout, 10Aout
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S05020-1A DELTA-D12S05020-1A_14 Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S400A DELTA-D12S400A_14 Datasheet
733Kb / 13P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
D12S400-A DELTA-D12S400-A Datasheet
798Kb / 12P
   Delphi D12S400 Non-Isolated Point of Load DC/DC Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com