データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5V49EE904NLGI データシート(PDF) 10 Page - Integrated Device Technology

部品番号 5V49EE904NLGI
部品情報  EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

5V49EE904NLGI データシート(HTML) 10 Page - Integrated Device Technology

Back Button 5V49EE904NLGI Datasheet HTML 6Page - Integrated Device Technology 5V49EE904NLGI Datasheet HTML 7Page - Integrated Device Technology 5V49EE904NLGI Datasheet HTML 8Page - Integrated Device Technology 5V49EE904NLGI Datasheet HTML 9Page - Integrated Device Technology 5V49EE904NLGI Datasheet HTML 10Page - Integrated Device Technology 5V49EE904NLGI Datasheet HTML 11Page - Integrated Device Technology 5V49EE904NLGI Datasheet HTML 12Page - Integrated Device Technology 5V49EE904NLGI Datasheet HTML 13Page - Integrated Device Technology 5V49EE904NLGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
IDT5V49EE904
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
10
IDT5V49EE904
REV H 022310
Spread Spectrum Generation (PLL3)
PLL3 support spread spectrum generation capability, which
users have the option of turning on and off. Spread
spectrum profile, frequency, and spread are fully
programmable (within limits). The technique is different from
that used in PLL0. The programmable spread spectrum
generation parameters are SS_D3[7:0], SSVCO[15:0],
SSENB, IP3[4:0] and RZ3[3:0] bits. These bits are in the
memory address range of 0x4C to 0x85 for PLL3. The
spread spectrum generation on PLL3 can be
enabled/disabled using the SSENB bit. To enable spread
spectrum, set SSENB = '1'.
For Spread Enabled:
Spread spectrum is configured using SS_D3(spread
spectrum reference divide)
and SSVCO (spread spectrum loop feedback counter).
SS is the total Spread Spectrum amount (I.e. center spread
+0.5% has a total spread of 1.0% and down spread -0.5%
has a total spread of 0.5%.)
Loop Filter
The loop filter for each PLL can be programmed to optimize
the jitter performance. The low-pass frequency response of
the PLL is the mechanism that dictates the jitter transfer
characteristics. The loop bandwidth can be extracted from
the jitter transfer. A narrow loop bandwidth is good for jitter
attenuation while a wide loop bandwidth is best for low-jitter
frequency generation. The specific loop filter components
that can be programmed are the resistor via the RZ[3:0] bits,
zero capacitor via the CZ bit (for PLL0, PLL1 and PLL2), and
the charge pump current via the IP[2:0] bits (for PLL0, PLL1
and PLL2) or IP[3:0] (for PLL3).
The following equations govern how the loop filter is set for
PLL0 - PLL2:
Resistor (Rz) = (RZ[0] + 2* RZ[1]+4* RZ[2] + 8* RZ[3])* 4.0
kOhm
Zero capacitor (Cz) = 196 pF + CZ* 217 pF
Pole capacitor (Cp) = 15 pF
Charge pump (Ip) = 6 * (IP[0] + 2*IP[1]+4*IP[2]) uA
VCO gain (KVCO) = 900 MHz/V * 2
π
The following equations govern how the loop filter is set for
PLL3:
For Non-Spread Spectrum Operation:
For Spread Spectrum Operation:
Zero capacitor (Cz) = 250 pF
Pole capacitor (Cp) = 15 pF
For Non-Spread Spectrum Operation:
For Spread Spectrum Operation:
VCO gain (KVCO) = 900 MHz/V * 2
π
=
SS_D3
(Eq. 10)
F
IN
4 * F
MOD
SSVCO =
F
VCO
F
MOD
[0.5 *
*
(Eq. 11)
( 1 + SS/400) + 5]
Resistor(Rz)=
(12.5+12.5*(RZ[1] +2*RZ[2] +4*RZ[3]))
* RZ[0] +6*(1 – RZ[0])
kOhms (Eq. 12)
Resistor(Rz)=
(62.5+12.5*(RZ[1] +2*RZ[2] +4*RZ[3]))
* RZ[0] +6*(1 – RZ[0])
kOhms (Eq. 13)
Charge
pump(Ip)
=
24* (1+(2* IP[0]) +(4* IP[1]) +(8* IP[2]))
A (Eq. 14)
3+(5* IP[3]) +(11* IP[4])
Charge
pump(Ip)
=
12* (1+(2* IP[0]) +(4* IP[1]) +(8* IP[2]))
A (Eq. 14)
27+(5* IP[3]) +(11* IP[4])


同様の部品番号 - 5V49EE904NLGI

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
5V49EE904NLGI RENESAS-5V49EE904NLGI Datasheet
565Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
5V49EE904NLGI8 RENESAS-5V49EE904NLGI8 Datasheet
565Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
More results

同様の説明 - 5V49EE904NLGI

メーカー部品番号データシート部品情報
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE903 IDT-IDT5V49EE903 Datasheet
361Kb / 31P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com