データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS868C12R データシート(PDF) 1 Page - Fuji Electric

部品番号 TS868C12R
部品情報  High Voltage Schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJI [Fuji Electric]
ホームページ  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TS868C12R データシート(HTML) 1 Page - Fuji Electric

  TS868C12R Datasheet HTML 1Page - Fuji Electric TS868C12R Datasheet HTML 2Page - Fuji Electric TS868C12R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TS868C12R (30A)
(120V / 30A )
Features
Low VF
High Voltage
Center tap connection
Applications
High frequency operation
DC-DC converters
AC adapter
Maximum ratings and characteristics
Absolute maximum ratings (at Tc=25°C Unless otherwise specified )
Item
Repetitive peak surge reverse voltage
Repetitive peak reverse voltage
Average output current
Non-repetitive surge current **
Operating junction temperature
Storage temperature
Symbol
VRSM
VRRM
Io
IFSM
Tj
Tstg
Conditions
Sine wave
10ms 1shot
-40 to +150
Unit
V
V
A
A
°C
°C
Electrical characteristics (at Tc=25°C Unless otherwise specified )
Item
Forward voltage drop
Reverse current
Thermal resistance
Symbol
VF
IR
Rth(j-c)
Conditions
IFM=10A
VR=VRRM
Junction to case
Max.
0.88
200
1.0
Unit
V
µA
°C/W
Square wave, duty=1/2
Tc=121°C
Rating
120
120
30
225
+150
High Voltage Schottky barrier diode
Outline drawings, mm
Connection diagram
Mechanical characteristics
Major characteristics
Approximate mass
2
g
* Out put current of center tap full wave connection
**Rating per element
Package : T-pack
Epoxy resin UL : V-0
Characteristics TS868C12R Units Condition
VRRM
120
V
VF
0.88
V
Tc=25°C MAX.
IO
30
A
tw=500ns, duty=1/40
*
1
3
2
[0402]
±0.2
±0.2
+0.2
—0.1
4.5
1.32
2.7
5.08
1.2
10
0.4
0.8
1.
Gate
2, 4. Drain
3.
Source
+0.5
+0.2


同様の部品番号 - TS868C12R

メーカー部品番号データシート部品情報
logo
Fuji Electric
TS868C10R FUJI-TS868C10R Datasheet
138Kb / 3P
   Low IR Schottky barrier diode
TS868C15R FUJI-TS868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
More results

同様の説明 - TS868C12R

メーカー部品番号データシート部品情報
logo
Fuji Electric
YG861S15R FUJI-YG861S15R Datasheet
128Kb / 4P
   High Voltage Schottky barrier diode
PH868C15 FUJI-PH868C15 Datasheet
68Kb / 3P
   High Voltage Schottky barrier diode
CB863-12 FUJI-CB863-12 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
CB863-20 FUJI-CB863-20 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
YA868C15R FUJI-YA868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
PH865C15 FUJI-PH865C15 Datasheet
71Kb / 3P
   High Voltage Schottky barrier diode
FD867-20 FUJI-FD867-20 Datasheet
129Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
YG868C12R FUJI-YG868C12R Datasheet
56Kb / 3P
   High Voltage Schottky barrier diode
YA865C12R FUJI-YA865C12R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
YG868C15R FUJI-YG868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com