データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB15CGW01-05-BJ データシート(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

部品番号 LB15CGW01-05-BJ
部品情報  Standard Size Pushbuttons
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NKK [Nihon Kaiheiki Industry Co. Ltd.]
ホームページ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB15CGW01-05-BJ データシート(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button LB15CGW01-05-BJ Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB15CGW01-05-BJ Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB15CGW01-05-BJ Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB15CGW01-05-BJ Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB15CGW01-05-BJ Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB15CGW01-05-BJ Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB15CGW01-05-BJ Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB15CGW01-05-BJ Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. LB15CGW01-05-BJ Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Series LB
Standard Size Snap-in Pushbuttons
www.nkk.com
D55
D
OPTIONAL ACCESSORIES
Barriers
Protective Guard
AT497
End
Material: Polyamide
Material: Polyamide
Protective Guards reduce depth of switch behind panel by .020” (0.5mm).
AT499
Square
Protective Guard
Opens 90°
Closes manually
AT498
Center
Cutouts for More Than 1 Switch
Square
A = .752” (19.1mm) x Number of Switches + .051” (1.3mm)
Rectangular
A = .996” (25.3mm) x Number of Switches + .051” (1.3mm)
A
(16.2)
.638
(20.0)
.787
Center Position
End Position
(19.2)
.756
(1.19)
.047
(19.2)
.756
(23.5)
.925
(5.2)
.205
(4.3) Typ
.169
(15.0)
.591
(1.19)
.047
(17.0)
.669
(20.0)
.787
(10.0)
.394
(21.0)
.827
(8.0)
.315
Cap Height
When
Assembled
(14.0) Sq
.551
(17.9) Sq
.705
(18.4)
.724
(20.4)
.803
(10.5)
.413
(20.5)
.807
(7.5)
.295
Cap Height
When
Assembled
180°
(17.9)
.705
(14.2)
.559
(17.9)
.705
(7.1)
.280
(20.4)
.803 (N)
(16.2) Sq
.638
(39.0) Min*
1.535
(N) = Number of switches
AT4171
(10.5)
.413
(20.5)
.807
(20.4)
.803
* Minimum dimension allows opening of cover to 180°
Spring Loaded Protective Guard
AT4171
Square
Protective Guard
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Coil Spring: Stainless Steel
Recommended Panel Thickness:
.039” ~ .106” (1.0mm ~ 2.7mm)


同様の部品番号 - LB15CGW01-05-BJ

メーカー部品番号データシート部品情報
logo
Nihon Kaiheiki Industry...
LB15CGW01-05BJ NKK-LB15CGW01-05BJ Datasheet
697Kb / 20P
   General Specifications
LB15CGW01-05CJ NKK-LB15CGW01-05CJ Datasheet
697Kb / 20P
   General Specifications
LB15CGW01-05EJ NKK-LB15CGW01-05EJ Datasheet
697Kb / 20P
   General Specifications
LB15CGW01-05FJ NKK-LB15CGW01-05FJ Datasheet
697Kb / 20P
   General Specifications
LB15CGW01-05GJ NKK-LB15CGW01-05GJ Datasheet
697Kb / 20P
   General Specifications
More results

同様の説明 - LB15CGW01-05-BJ

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
LB15SKW01-A NKK-LB15SKW01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
List of Unclassifed Man...
ABD-100 ETC2-ABD-100 Datasheet
2Mb / 30P
   TWTD Series Full Size NEMA Pushbuttons
logo
IDEC Corporation
ABD311NUR IDEC-ABD311NUR Datasheet
2Mb / 30P
   New TWND Series — Full Size NEMA Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com