データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL22SDAW015C データシート(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

部品番号 TL22SDAW015C
部品情報  Fully Illuminated Toggles
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NKK [Nihon Kaiheiki Industry Co. Ltd.]
ホームページ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

TL22SDAW015C データシート(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  TL22SDAW015C Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. TL22SDAW015C Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. TL22SDAW015C Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. TL22SDAW015C Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. TL22SDAW015C Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series TL
Fully Illuminated Toggles
www.nkk.com
A121
A
Exopy Seal
(3.0)
.118
(2.0)
.079
Solder Lug
Thk = (0.8) Typ
.031
(1.17)
.046
(2.0) Typ
.079
(1.1) Typ
.043
(5.0)
.197
(5.4)
.213
Turret LED
Thk = (0.6)
.024
(3.5)
.138
CONTACT MATERIALS, RATINGS, & TERMINALS
Silver Contacts Power Level
6A @ 125V AC & 3A @ 250V AC
& 6A @ 12V DC
W
01
G
Gold Contacts Logic Level
0.4VA maximum @ 28V AC/DC
See Supplement Index for complete
explanation of operating range.
TOGGLE LENGTHS & COLORS
.689”
(17.5mm)
D
(17.5)
.689
(11.0)
.433
S
Combines with
Silver Contacts only
Material:
Polycarbonate
Combines with
Gold Contacts only
Material:
Polycarbonate
HOUSING
Black
A
The housing consists of the one-piece bushing/case of
glass fiber reinforced polyamide in black color only.
The diallyl phthalate material used for the base is UL
flammability rated 94V-0; housing material is not.
Colors Available for Bright LED
Red
Amber
Green
C
D
F
N
Color Available for Super Bright LED
No Color (Appearance is matte
finish of clear material)
Solder Lug
Terminals
.433”
(11.0mm)
POLE & CIRCUIT
Toggle Position
Connected Terminals
Throw & Power/Lamp Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
Notes: Terminal numbers are not actually on
switch. Lamp circuit is isolated and
requires an external power source.
DP
TL22
ON
NONE
ON
1-1b 2-2b OPEN 1-1a 2-2a
DPDT
(+)
(-)
Keyway
Keyway
1
1b
2b
2
(COM)
1a
2a
LED CODES & SPECIFICATIONS
Electrical specifications are determined at a basic temperature of 25°C. Lamp circuit is independent of switch operation.
If the source voltage is greater than rated voltage, a ballast resistor is required.
The ballast resistor calculation and more lamp detail are shown in Supplement section.
Colored Toggles
Clear Toggles
Bright
Super Bright
LED Factory Assembled
Not Available Separately
Color
Red
Amber
Green
White
Green
Blue
Forward Peak Current
I
FM
30mA
30mA
50mA
30mA
30mA
30mA
Continuous Forward Current
I
F
20mA
20mA
20mA
20mA
20mA
20mA
Forward Voltage
V
F
2.0V
2.1V
2.27V
3.6V
3.5V
3.6V
Reverse Peak Voltage
V
RM
4V
4V
4V
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.32mA/°C 0.32mA/°C 0.50mA/°C 0.50mA/°C 0.50mA/°C 0.50mA/°C
Ambient Temperature Range
–10°C ~ +55°C
–10°C ~ +55°C
5
D
F
C
G
B
F
6
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES


同様の部品番号 - TL22SDAW015C

メーカー部品番号データシート部品情報
logo
Nihon Kaiheiki Industry...
TL22SDAW015C NKK-TL22SDAW015C Datasheet
152Kb / 6P
   General Specifications
More results

同様の説明 - TL22SDAW015C

メーカー部品番号データシート部品情報
logo
Nihon Kaiheiki Industry...
B12JJPC NKK-B12JJPC Datasheet
127Kb / 4P
   Subminiature Fully Illuminated Toggles
B12JJPC NKK-B12JJPC_12 Datasheet
434Kb / 4P
   Subminiature Fully Illuminated Toggles
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
logo
List of Unclassifed Man...
G12JHC ETC2-G12JHC Datasheet
427Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
logo
Nihon Kaiheiki Industry...
GB15JPC NKK-GB15JPC_10 Datasheet
129Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
GW12LJPC NKK-GW12LJPC Datasheet
115Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
GB15JPC NKK-GB15JPC Datasheet
139Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
logo
List of Unclassifed Man...
GW12LJPD ETC2-GW12LJPD Datasheet
387Kb / 4P
   Ultra-Thin Fully Illuminated Paddles
GB15JHF ETC2-GB15JHF Datasheet
288Kb / 4P
   Ultra-Miniature Fully Illuminated Plungers
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com