データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC3484 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC3484
部品情報  Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3484 データシート(HTML) 5 Page - Texas Instruments

  DAC3484 Datasheet HTML 1Page - Texas Instruments DAC3484 Datasheet HTML 2Page - Texas Instruments DAC3484 Datasheet HTML 3Page - Texas Instruments DAC3484 Datasheet HTML 4Page - Texas Instruments DAC3484 Datasheet HTML 5Page - Texas Instruments DAC3484 Datasheet HTML 6Page - Texas Instruments DAC3484 Datasheet HTML 7Page - Texas Instruments DAC3484 Datasheet HTML 8Page - Texas Instruments DAC3484 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
DAC3484
www.ti.com
SLAS749A
– MARCH 2011 – REVISED JULY 2011
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SCLK
A31
I
Serial interface clock. Internal pull-down.
SDENB
B28
I
Active low serial data enable, always an input to the DAC3484. Internal pull-up.
Serial interface data. Bi-directional in 3-pin mode (default) and uni-directional 4-pin mode. Internal
SDIO
A30
I/O
pull-down.
Uni-directional serial interface data in 4-pin mode. The SDO pin is tri-stated in 3-pin interface mode
SDO
B27
O
(default).
SLEEP
B40
I
Active high asynchronous hardware power-down input. Internal pull-down.
Optional LVDS SYNC positive input. The SYNCP/N LVDS pair has an internal 100
Ω termination
SYNCP
A5
I
resistor. If unused it can be left unconnected.
SYNCN
B5
I
Optional LVDS SYNC negative input.
Active low input for chip RESET, which resets all the programming registers to their default state.
RESETB
B30
I
Internal pull-up.
Transmit enable active high input. Internal pull-down.
To enable analog output data transmission, set sif_txenable in register config3 to
“1” or pull CMOS
TXENABLE
A32
I
TXENABLE pin to high.
To disable analog output, set sif_txenable to
“0” and pull CMOS TXENABLE pin to low. The DAC
output is forced to midscale.
TESTMODE
A44
I
This pin is used for factory testing. Internal pull-down. Leave unconnected for normal operation.
Digital supply voltage. This supply pin is also used for factory fuse programming. Connect to
VFUSE
B4
I
DACVDD for normal operation.
ORDERING INFORMATION(1)
TA
ORDER CODE
PACKAGE DRAWING/TYPE(2)(3)
TRANSPORT MEDIA
QUANTITY
DAC3484IRKDT
250
–40°C to 85°C
RKD / 88 WQFN Quad Flatpack No-Lead
Tape and Reel
DAC3484IRKDR
2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Thermal Pad Size: 6.4 mm x 6.4 mm
(3)
MSL Peak Temperature: Level-3-260C-168 HR
Copyright
© 2011, Texas Instruments Incorporated
5


同様の部品番号 - DAC3484

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC3484 TI-DAC3484 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
DAC3484 TI1-DAC3484 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484IRKD25 TI1-DAC3484IRKD25 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3484IRKDT TI1-DAC3484IRKDT Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

同様の説明 - DAC3484

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com