データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LCDA24TB データシート(PDF) 7 Page - Semtech Corporation

部品番号 LCDA24TB
部品情報  Low Capacitance TVS Diode Array For High-Speed Data Interfaces?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LCDA24TB データシート(HTML) 7 Page - Semtech Corporation

  LCDA24TB Datasheet HTML 1Page - Semtech Corporation LCDA24TB Datasheet HTML 2Page - Semtech Corporation LCDA24TB Datasheet HTML 3Page - Semtech Corporation LCDA24TB Datasheet HTML 4Page - Semtech Corporation LCDA24TB Datasheet HTML 5Page - Semtech Corporation LCDA24TB Datasheet HTML 6Page - Semtech Corporation LCDA24TB Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LCDA05 THRU LCDA24
Contact Information
Semtech Corporation
Protection Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
t
r
a
P
r
e
b
m
u
N
g
n
i
k
r
o
W
e
g
a
tl
o
V
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
B
T
.
5
0
A
D
C
LV
50
0
5h
c
n
I
7
E
T
.
5
0
A
D
C
LV
50
0
5
,
2h
c
n
I
3
1
B
T
.
2
1
A
D
C
LV
2
10
0
5h
c
n
I
7
E
T
.
2
1
A
D
C
LV
2
10
0
5
,
2h
c
n
I
3
1
B
T
5
1
A
D
C
LV
5
10
0
5h
c
n
I
7
E
T
.
5
1
A
D
C
LV
5
10
0
5
,
2h
c
n
I
3
1
B
T
.
4
2
A
D
C
LV
4
20
0
5h
c
n
I
7
E
T
.
4
2
A
D
C
LV
4
20
0
5
,
2h
c
n
I
3
1
Ordering Information
Note:
(1) No suffix indicates tube pack.


同様の部品番号 - LCDA24TB

メーカー部品番号データシート部品情報
logo
Semtech Corporation
LCDA24 SEMTECH-LCDA24 Datasheet
164Kb / 8P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
logo
Sangdest Microelectroni...
LCDA24 SMC-LCDA24 Datasheet
151Kb / 4P
   ESD
logo
Shanghai Leiditech Elec...
LCDA24 LEIDITECH-LCDA24 Datasheet
280Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
logo
Semtech Corporation
LCDA24.T SEMTECH-LCDA24.T Datasheet
164Kb / 8P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA24.TB SEMTECH-LCDA24.TB Datasheet
164Kb / 8P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results

同様の説明 - LCDA24TB

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LCDA15C-4 LEIDITECH-LCDA15C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12C-4 LEIDITECH-LCDA12C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC03 LEIDITECH-SM8LC03 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12 LEIDITECH-LCDA12 Datasheet
268Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA24 LEIDITECH-LCDA24 Datasheet
280Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA24C-4 LEIDITECH-LCDA24C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC24 LEIDITECH-SM8LC24 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC05 LEIDITECH-SM8LC05 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SMDA08C LEIDITECH-SMDA08C Datasheet
712Kb / 4P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
SM8LC15 LEIDITECH-SM8LC15 Datasheet
256Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com