データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP103FYFFT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP103FYFFT
部品情報  Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP103FYFFT データシート(HTML) 5 Page - Texas Instruments

  TMP103FYFFT Datasheet HTML 1Page - Texas Instruments TMP103FYFFT Datasheet HTML 2Page - Texas Instruments TMP103FYFFT Datasheet HTML 3Page - Texas Instruments TMP103FYFFT Datasheet HTML 4Page - Texas Instruments TMP103FYFFT Datasheet HTML 5Page - Texas Instruments TMP103FYFFT Datasheet HTML 6Page - Texas Instruments TMP103FYFFT Datasheet HTML 7Page - Texas Instruments TMP103FYFFT Datasheet HTML 8Page - Texas Instruments TMP103FYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
10
9
8
7
6
5
4
3
2
1
0
Temperature( C)
°
-60 -40
0
40
140
160
3.6VSupply
1.4VSupply
-20
20
60
80
100 120
16
14
12
10
8
6
4
2
0
Temperature( C)
°
-60
-20
40
60
160
-40
0
20
80
100 120 140
3.6VSupply
1.8VSupply
1.4VSupply
40
38
36
34
32
30
28
26
24
22
20
Temperature( C)
°
-60
-20
40
60
140 160
3.6VSupply
1.4VSupply
-40
20
0
80
100 120
100
90
80
70
60
50
40
30
20
10
0
BusFrequency(Hz)
1k
10k
100k
1M
10M
-
°
55 C
+25 C
°
+125 C
°
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
Temperature( C)
°
-60 -40
40
60
140 160
-20
20
0
80
100 120
TMP103
www.ti.com
SBOS545A
– FEBRUARY 2011 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = 1.8V, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
(0.25 Conversions per Second)
SHUTDOWN CURRENT vs TEMPERATURE
Figure 1.
Figure 2.
QUIESCENT CURRENT vs BUS FREQUENCY
CONVERSION TIME vs TEMPERATURE
(Temperature at 3.3V Supply)
Figure 3.
Figure 4.
TEMPERATURE ERROR vs TEMPERATURE
Figure 5.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TMP103


同様の部品番号 - TMP103FYFFT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP103FYFFT TI1-TMP103FYFFT Datasheet
992Kb / 30P
[Old version datasheet]   Low-Power, Digital Temperature Sensor
More results

同様の説明 - TMP103FYFFT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP103 TI-TMP103_15 Datasheet
817Kb / 24P
[Old version datasheet]   Low-Power, Digital Temperature Sensor with Two-Wire Interface in WCSP
TMP108 TI-TMP108 Datasheet
268Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com