データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1062N-D16-T データシート(PDF) 9 Page - Unisonic Technologies

部品番号 TEA1062N-D16-T
部品情報  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA1062N-D16-T データシート(HTML) 9 Page - Unisonic Technologies

Back Button TEA1062N-D16-T Datasheet HTML 5Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 6Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 7Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 8Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 9Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 10Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 11Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 12Page - Unisonic Technologies TEA1062N-D16-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TEA1062N/TEA1062AN
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 13
www.unisonic.com.tw
QW-R108-011.C
LN
VEE
Leq
Vref
Rp
R1
C3
C1
100
μF
4.7
μF
REG
VCC
R9
20
Ω
Rp=16.2k
Ω
Leq=C3*R9*Rp
Fig.3 Equivalent impedance circuit
The anti-sidetone network for the UTCTEA1062N/TEA1062AN family shown in Fig.4 attenuates the signl received
from the line by 32 dB before it enters the receiving amplifier. The attenuation is almost constant over the whole
audio frequency range. Fig.5 shows a convertional Wheatstone bridge anti-sidetone circuit that can be used as an
alternative. Both bridge types can be used with either resistive or complex set impedances.
Fig. 4 Equivalent circuit of UTC TEA1062N/TEA1062AN anti-sidetone bridge
Fig. 5 Equivalent circuit of an anti-sidetone network in a wheatstone bridge configuration
150
130
110
90
70
50
30
24
68
10
12
(1)
(2)
(3)
(4)
VLN-VSLPE(V)
Iline
(mA)
(1) 45°C 1068mW
(2) 55°C 934mW
(3) 65°C 800mW
(4) 75°C 666mW
Tamb
Ptot
Fig.6 UTC TEA1062N/TEA1062AN safe operating area


同様の部品番号 - TEA1062N-D16-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TEA1062NG-D16-T UTC-TEA1062NG-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
TEA1062NG-S16-R UTC-TEA1062NG-S16-R Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
TEA1062NL-D16-T UTC-TEA1062NL-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
More results

同様の説明 - TEA1062N-D16-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com