データシートサーチシステム |
|
TL19W01-D-T32 データシート(PDF) 7 Page - Toshiba Semiconductor |
|
TL19W01-D-T32 データシート(HTML) 7 Page - Toshiba Semiconductor |
7 / 10 page TL19W01-D(T32 2010-12-13 7 Cleaning When cleaning is required after soldering, Toshiba recommends the following cleaning solvents. It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the recommended conditions). In selecting the one for your actual usage, please perform sufficient review on washing condition, using condition and etc. ASAHI CLEAN AK-225AES : (made by ASAHI GLASS) KAO CLEAN TROUGH 750HS : (made by KAO) PINE ALPHA ST-100S : (made by ARAKAWA CHEMICAL) Precautions when Mounting Do not apply force to the plastic part of the LED under high-temperature conditions. To avoid damaging the LED plastic, do not apply friction using a hard material. When installing the PCB in a product, ensure that the device does not come into contact with other components. Tape Specifications 1. Product number format The type of package used for shipment is denoted by a symbol suffix after the product number. The method of classification is as below. (this method, however does not apply to products whose electrical characteristics differ from standard Toshiba specifications) (1) Tape Type: T32 (8-mm pitch) (2) Example 2. Tape dimensions Unit: mm Symbol Dimension Tolerance Symbol Dimension Tolerance D 1.5 +0.1/−0 P2 2.0 ±0.05 E 1.75 ±0.1 W 8.0 ±0.2 P0 4.0 ±0.1 P 8.0 ±0.1 t 0.3 ±0.05 A0 4.1 ±0.1 F 3.5 ±0.05 B0 3.4 ±0.1 D1 1.1 ±0.1 K0 0.8 ±0.05 TL19W01-D (T32 Tape type Toshiba product No. P D1 F E W 極性 t K0 B0 D P2 P0 A0 |
同様の部品番号 - TL19W01-D-T32 |
|
同様の説明 - TL19W01-D-T32 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |