データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-50B-5 データシート(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

部品番号 SD-50B-5
部品情報  50W Single Output DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MEANWELL [Mean Well Enterprises Co., Ltd.]
ホームページ  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SD-50B-5 データシート(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SD-50B-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SD-50B-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
SD-50A-5
SD-50B-5
SD-50C-5
SD-50B-12
SD-50C-12
SD-50B-24
SD-50C-24
SD-50A-12
SD-50A-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDUP TIME
VOLTAGERANGE
EFFICIENCY (Typ.)
INPUT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
DCCURRENT
5V
12V
24V
10A
4.2A
2.1A
0~10A
0~4.2A
0~2.1A
50W
50.4W
50.4W
100mVp-p
120mVp-p
150mVp-p
2.0%
1.0%
1.0%
4.5~5.5VDC
11~16VDC
23~30VDC
0.5%
0.5%
0.3%
0.3%
0.2%
0.2%
2.5s,50ms,------atfullload
A:9.2~18VDCB:19~36VDCC:36~72VDC
70%
7A/12V
73%
76%
72%
3A/24V
75%
78%
74%
80%
83%
1.5A/48V
105~150% ratedoutputpower
5.75~6.75V/10%load
16.8~20V/10%load
31.5~37.5V/10%load
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CompliancetoEN55022(CISPR22)ClassB
DesignrefertoLVD
CompliancetoEN61000-4-2,3,4,6,8;ENV50204,EN55024,heavyindustrylevel,criteria A
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
365.6Khrsmin.(SD-50A)357.5Khrsmin.(SD-50B)368.5KHrsmin.(SD-50C)MIL-HDBK-217F(25
)
159*97*38mm(L*W*H)
0.48Kg;24pcs/12.7Kg/0.75CUFT
FileName:SD-50-SPEC2010-10-18
SAFETY STANDARDS
50WSingleOutputDC-DCConverter
2:1 wide input range
Protections: Short circuit / Overload / Over voltage
1500VAC I/O isolation
Built-in EMI filter, low ripple noise
100% full load burn-in test
Fixed switching frequency at 83KHz
Low cost
High reliability
2 years warranty
Features :
S D - 5 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
PROTECTION
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:1.5KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
SAFETY &
EMC
(Note4)
1. All parameters NOT specially mentioned are measured at 12,24,48VDC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)


同様の部品番号 - SD-50B-5

メーカー部品番号データシート部品情報
logo
Astrodyne Corporation
SD-50B-5 ASTRODYNE-SD-50B-5 Datasheet
459Kb / 2P
   50W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-50B-5 MEANWELL-SD-50B-5 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
SD-50B-5 MEANWELL-SD-50B-5 Datasheet
386Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-50B-5 ASTRODYNE-SD-50B-5 Datasheet
949Kb / 2P
   50W Single Output DC-DC Converter
SD-50B-5 ASTRODYNE-SD-50B-5 Datasheet
1Mb / 3P
   50W Single Output DC-DC Converter
More results

同様の説明 - SD-50B-5

メーカー部品番号データシート部品情報
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
382Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
   50W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-50_1109 MEANWELL-SD-50_1109 Datasheet
386Kb / 2P
   50W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD50 ASTRODYNE-SD50 Datasheet
949Kb / 2P
   50W Single Output DC-DC Converter
SD-50 ASTRODYNE-SD-50 Datasheet
459Kb / 2P
   50W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PH300F280 LAMBDA-PH300F280 Datasheet
145Kb / 4P
   Single output DC-DC converter 50W ~ 300W
logo
Mean Well Enterprises C...
SKM50 MEANWELL-SKM50 Datasheet
152Kb / 1P
   50W DC-DC Regulated Single Output Converter
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
   DC - DC CONVERTER 50W
logo
Wall Industries,Inc.
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
   50W DC-DC Converter
logo
MORNSUN Science& Techno...
URF1D03QB-50W MORNSUN-URF1D03QB-50W Datasheet
1Mb / 8P
   50W, wide input voltage, isolated & regulated single output DC-DC converter
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com